Moteur de recherche de fiches techniques de composants électroniques |
|
CD15B-561KB Fiches technique(PDF) 3 Page - Sumida Corporation |
|
CD15B-561KB Fiches technique(HTML) 3 Page - Sumida Corporation |
3 / 8 page TYPE CD105B SPECIFICATION ELECTICAL CHARACTERISTICS (IN THE CASE OF BOX) Ⅱ INDUCTANCE D.C.R. RATED RATED S.R.F. NO. PART NO. STAMP [WITHIN] (Ω) CURRENT CURRENT (MHz) SUMIDA ※1 [MAX.] (A) (A) [TYP.] CODE (at 20℃) ※2 ※3 (Ta=20℃) (Ta=105℃) 25 CD1 5B-1 MB 100M 10μH ± 20% 0.06 2.60 1.92 25.1 4716-0025 26 CD1 5B-12 MB 120M 12μH ± 20% 0.07 2.45 1.44 23.1 4716-0026 27 CD1 5B-15 MB 150M 15μH ± 20% 0.08 2.27 1.36 19.1 4716-0027 28 CD1 5B-18 MB 180M 18μH ± 20% 0.09 2.15 1.29 18.1 4716-0028 29 CD1 5B-22 MB 220M 22μH ± 20% 0.10 1.95 1.24 15.9 4716-0029 30 CD1 5B-27 MB 270M 27μH ± 20% 0.11 1.76 1.20 14.0 4716-0030 31 CD1 5B-33 MB 330M 33μH ± 20% 0.12 1.50 1.04 13.1 4716-0031 32 CD1 5B-39 MB 390M 39μH ± 20% 0.14 1.37 1.00 12.2 4716-0032 33 CD1 5B-47 KB 470K 47μH ± 10% 0.17 1.28 0.88 10.6 4716-0033 34 CD1 5B-56 KB 560K 56μH ± 10% 0.19 1.17 0.80 10.2 4716-0034 35 CD1 5B-68 KB 680K 68μH ± 10% 0.22 1.11 0.71 9.26 4716-0035 36 CD1 5B-82 KB 820K 82μH ± 10% 0.25 1.00 0.66 8.45 4716-0036 37 CD1 5B-1 1KB 101K 100μH ± 10% 0.35 0.97 0.63 7.64 4716-0037 38 CD1 5B-121KB 121K 120μH ± 10% 0.40 0.89 0.53 6.65 4716-0038 39 CD1 5B-151KB 151K 150μH ± 10% 0.47 0.78 0.47 5.86 4716-0039 40 CD1 5B-181KB 181K 180μH ± 10% 0.63 0.72 0.43 5.71 4716-0040 41 CD1 5B-221KB 221K 220μH ± 10% 0.73 0.66 0.40 5.25 4716-0041 42 CD1 5B-271KB 271K 270μH ± 10% 0.97 0.57 0.35 4.62 4716-0042 43 CD1 5B-331KB 331K 330μH ± 10% 1.15 0.52 0.33 4.07 4716-0043 44 CD1 5B-391KB 391K 390μH ± 10% 1.30 0.48 0.32 3.91 4716-0044 45 CD1 5B-471KB 471K 470μH ± 10% 1.48 0.42 0.30 3.61 4716-0045 46 CD1 5B-561KB 561K 560μH ± 10% 1.90 0.33 0.29 3.25 4716-0046 47 CD1 5B-681KB 681K 680μH ± 10% 2.25 0.28 0.24 2.96 4716-0047 48 CD1 5B-821KB 821K 820μH ± 10% 2.55 0.24 0.22 2.74 4716-0048 ※1:MEASURED FREQUENCY L 10μH ∼ 82μH ; at 2.52 MHz 100μH ∼820μH ; at 1 kHz ※2:THE RATED CURRENT INDICATES THE LOWER VALUE OF CURRENT WHEN THE INDUCTANCE IS 10% LOWER THAN ITS INITIAL VALUE AT D.C. SUPERPOSITION OR THE TEMPERATURE OF COIL RISES 40℃ WITH D.C. CURRENT PASSING.(Ta=20℃) ※3:THE RATED CURRENT INDICATES THE LOWER VALUE OF CURRENT WHEN THE INDUCTANCE IS 10% LOWER THAN ITS INITIAL VALUE AT D.C. SUPERPOSITION OR THE TEMPERATURE OF COIL RISES 40℃ WITH D.C. CURRENT PASSING.(Ta=105℃) 6. OPERATING TEMPERATURE RANGE: −30℃ ∼+105℃ 5.ELECTRICAL CHARACTERISTICS |
Numéro de pièce similaire - CD15B-561KB |