Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

CD104NP-100MB Datasheet(Fiches technique) 6 Page - Sumida Corporation

Numéro de pièce CD104NP-100MB
Description  CD104
Télécharger  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  SUMIDA [Sumida Corporation]
Site Internet  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CD104NP-100MB Datasheet(HTML) 6 Page - Sumida Corporation

  CD104NP-100MB Datenblatt HTML 1Page - Sumida Corporation CD104NP-100MB Datenblatt HTML 2Page - Sumida Corporation CD104NP-100MB Datenblatt HTML 3Page - Sumida Corporation CD104NP-100MB Datenblatt HTML 4Page - Sumida Corporation CD104NP-100MB Datenblatt HTML 5Page - Sumida Corporation CD104NP-100MB Datasheet HTML 6Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
SPECIFICATION
TYPE
CD104
2-3.ELECTRICAL CHARACTERISTICS Ⅱ (IN THE CASE OF BOX)
NO.
PART NO.
STAMP
INDUCTANCE
[WITHIN]
※1
D.C.R.
(mΩ)[MAX.]
(at 20℃) ※2
(TYPICAL VALUE)
RATED
CURRENT
(A)
※3
S.R.F.
(MHz)
[TYP.]
SUMIDA
CODE
23
CD1Ø4NP-1ØØMB
100M
10μH±20%
53(40.8)
2.38
29.9
-0080
24
CD1Ø4NP-12ØMB
120M
12μH±20%
61(46.4)
2.13
29.7
-0081
25
CD1Ø4NP-15ØMB
150M
15μH±20%
70(53.9)
1.87
25.1
-0082
26
CD1Ø4NP-18ØMB
180M
18μH±20%
81(62.2)
1.73
23.0
-0083
27
CD1Ø4NP-22ØMB
220M
22μH±20%
88(67.4)
1.60
20.0
-0084
28
CD1Ø4NP-27ØMB
270M
27μH±20%
100(77.2)
1.44
18.5
-0085
29
CD1Ø4NP-33ØMB
330M
33μH±20%
120(92.0)
1.26
16.9
-0086
30
CD1Ø4NP-39ØMB
390M
39μH±20%
151(116.1)
1.20
14.9
-0087
31
CD1Ø4NP-47ØMB
470M
47μH±20%
170(130.6)
1.10
13.8
-0089
32
CD1Ø4NP-56ØKB
560K
56μH±10%
199(152.7)
1.01
12.6
-0090
33
CD1Ø4NP-68ØKB
680K
68μH±10%
223(171.6)
0.91
10.4
-0091
34
CD1Ø4NP-82ØKB
820K
82μH±10%
252(194.1)
0.85
10.0
-0092
35
CD1Ø4NP-1Ø1KB
101K
100μH±10%
344(264.9)
0.74
9.42
-0093
36
CD1Ø4NP-121KB
121K
120μH±10%
396(304.7)
0.69
8.74
-0094
37
CD1Ø4NP-151KB
151K
150μH±10%
544(418.1)
0.61
7.29
-0095
38
CD1Ø4NP-181KB
181K
180μH±10%
621(477.7)
0.56
6.53
-0096
39
CD1Ø4NP-221KB
221K
220μH±10%
721(554.5)
0.53
5.85
-0097
40
CD1Ø4NP-271KB
271K
270μH±10%
949(730.3)
0.45
5.51
-0098
41
CD1Ø4NP-331KB
331K
330μH±10%
1100(845.8)
0.42
4.91
-0100
42
CD1Ø4NP-391KB
391K
390μH±10%
1245(957.5)
0.38
4.32
-0102
43
CD1Ø4NP-471KB
471K
470μH±10%
1526(1220.6)
0.35
4.06
-0103
44
CD1Ø4NP-561KB
561K
560μH±10%
1904(1522.9)
0.32
3.55
-0104
※1:MEASURED FREQUENCY
10μH ∼ 82μH
at 2.52 MHz
※2:(
) ARE TYPICAL VALUE.
※3:THE RATED CURRENT INDICATES THE CURRENT WHEN THE INDUCTANCE DECREASES TO 90% OF INITIAL VALUE
OR D.C. CURRENT WHEN THE TEMPERATURE OF COIL IS INCREASED BY 40℃(Ta=20℃). THE SMALLER ONE
IS DEFINED AS RATED CURRENT.
3.STORAGE TEMPERATURE RANGE
:
−40℃ ∼+100℃
OPERATING TEMPERATURE RANGE:
−40℃ ∼+100℃ (INCLUDING COIL’S SELF TEMPERATURE RISE)


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn