Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SL1560FR Fiches technique(PDF) 1 Page - Sensitron

No de pièce SL1560FR
Description  SINGLE PHASE FULL WAVE BRIDGE RECTIFIER ASSEMBLY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SENSITRON [Sensitron]
Site Internet  http://www.sensitron.com
Logo SENSITRON - Sensitron

SL1560FR Fiches technique(HTML) 1 Page - Sensitron

  SL1560FR Datasheet HTML 1Page - Sensitron SL1560FR Datasheet HTML 2Page - Sensitron SL1560FR Datasheet HTML 3Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• 221 West Industry Court
Deer Park, NY 11729-4681
Phone (631) 586 7600 Fax (631) 242 9798
• World Wide Web - http://www.sensitron.com • E-Mail Address - sales@sensitron.com •
SENSITRON
_____
SEMICONDUCTOR
TECHNICAL DATA
DATA SHEET 367, REV A
SINGLE PHASE FULL WAVE
BRIDGE RECTIFIER ASSEMBLY
DESCRIPTION: 600 VOLT, 12 AMP, 150 NANOSECOND SINGLE PHASE BRIDGE RECTIFIER ASSEMBLY
MAX. RATINGS / ELECTRICAL CHARACTERISTICS
All ratings are at TA = 25
oC unless otherwise specified.
RATING
CONDITIONS
MIN
TYP
MAX
UNIT
Peak Inverse Voltage
(PIV)
-
-
-
600
Vdc
Average DC Output
Current (Io)
TC = 55
oC
TC = 100
oC
-
-
12
9.0
Amps
Peak Single Cycle Surge
Current (Ifsm)
tp = 8.3 ms Single
Half Cycle Sine
Wave,
Superimposed On
Rated Load
-
-
125
Amps(pk)
Operating and Storage
Temp. (Top & Tstg)
-
-55
-
+150
°C
Maximum Forward
Voltage (Vf)
If = 3.0A (300 µsec
pulse, duty cycle <
2%)
-
-
1.6
Volts
Maximum Instantaneous
Reverse Current At Rated
(PIV)
TA = 25° C
TA = 100° C
-
-
5.0
100
µAmps
Reverse Recovery Time
(trr)
If = 0.5A, Ir = 1.0A, Irr
= 0.25A
-
-
250
nsec
Thermal Resistance (
θ
JL)
-
-
-
2.0
° C/W
SL1560FR
SL1560FRL


Numéro de pièce similaire - SL1560FR

FabricantNo de pièceFiches techniqueDescription
logo
Sensitron
SL1560FR SENSITRON-SL1560FR Datasheet
51Kb / 3P
   SINGLE PHASE FULL WAVE BRIDGE RECTIFIER ASSEMBLY
SL1560FRL SENSITRON-SL1560FRL Datasheet
51Kb / 3P
   SINGLE PHASE FULL WAVE BRIDGE RECTIFIER ASSEMBLY
SL1560FR SENSITRON-SL1560FR_07 Datasheet
51Kb / 3P
   SINGLE PHASE FULL WAVE BRIDGE RECTIFIER ASSEMBLY
More results

Description similaire - SL1560FR

FabricantNo de pièceFiches techniqueDescription
logo
Sensitron
S469-01 SENSITRON-S469-01 Datasheet
156Kb / 2P
   SINGLE PHASE FULL WAVE BRIDGE RECTIFIER ASSEMBLY
SL1560FR SENSITRON-SL1560FR_07 Datasheet
51Kb / 3P
   SINGLE PHASE FULL WAVE BRIDGE RECTIFIER ASSEMBLY
logo
GETAI ELECTRONICS DEVIC...
HVPF06 GETEDZ-HVPF06 Datasheet
515Kb / 2P
   SINGLE-PHASE FULL WAVE BRIDGE RECTIFIER
logo
New Jersey Semi-Conduct...
35MB140A NJSEMI-35MB140A Datasheet
71Kb / 1P
   SINGLE-PHASE FULL-WAVE BRIDGE RECTIFIER
logo
Sensitron
SL303100 SENSITRON-SL303100 Datasheet
57Kb / 3P
   THREE PHASE FULL WAVE BRIDGE RECTIFIER ASSEMBLY
S455IE SENSITRON-S455IE Datasheet
47Kb / 2P
   THREE PHASE FULL WAVE BRIDGE RECTIFIER ASSEMBLY
S10A320 SENSITRON-S10A320 Datasheet
61Kb / 3P
   THREE PHASE FULL WAVE BRIDGE RECTIFIER ASSEMBLY
S25A320S7 SENSITRON-S25A320S7 Datasheet
68Kb / 3P
   THREE PHASE FULL WAVE BRIDGE RECTIFIER ASSEMBLY
SL303100FR SENSITRON-SL303100FR Datasheet
44Kb / 3P
   THREE PHASE FULL WAVE BRIDGE RECTIFIER ASSEMBLY
S6A305FR SENSITRON-S6A305FR_07 Datasheet
50Kb / 2P
   THREE PHASE FULL WAVE BRIDGE RECTIFIER ASSEMBLY
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com