Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

APE1117 Fiches technique(PDF) 3 Page - Advanced Power Electronics Corp.

No de pièce APE1117
Description  1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  A-POWER [Advanced Power Electronics Corp.]
Site Internet  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

APE1117 Fiches technique(HTML) 3 Page - Advanced Power Electronics Corp.

  APE1117 Datasheet HTML 1Page - Advanced Power Electronics Corp. APE1117 Datasheet HTML 2Page - Advanced Power Electronics Corp. APE1117 Datasheet HTML 3Page - Advanced Power Electronics Corp. APE1117 Datasheet HTML 4Page - Advanced Power Electronics Corp. APE1117 Datasheet HTML 5Page - Advanced Power Electronics Corp. APE1117 Datasheet HTML 6Page - Advanced Power Electronics Corp. APE1117 Datasheet HTML 7Page - Advanced Power Electronics Corp. APE1117 Datasheet HTML 8Page - Advanced Power Electronics Corp. APE1117 Datasheet HTML 9Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
APE1117
Advanced Power Electronics Corp.
www.a-power.com.tw
3/
9
Pb Free Plating Product
Pin Descriptions
NAME
I/O
PIN #
FUNCTION
Adj (GND)
I
1
A resistor divider from this pin to the Vout pin and ground sets the
output voltage. (Ground only for Fixed-Mode)
Vout
O
2
The output of the regulator. A minimum of 10uF capacitor (0.15Ω
≤ ESR ≤ 20Ω) must be connected from this pin to ground to insure
stability.
Vin
I
3
The input pin of regulator. Typically a large storage capacitor
(0.15Ω ≤ ESR ≤ 20Ω) is connected from this pin to ground to
insure that the input voltage does not sag below the minimum
dropout voltage during the load transient response. This pin must
always be 1.3V higher than Vout in order for the device to
regulate properly.
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
Vin
DC Supply Voltage
-0.3 to 12
V
PD
Power Dissipation
Internally Limited
TST
Storage Temperature
-65 to +150
oC
TOP
Operating Junction Temperature Range
0 to +150
oC


Html Pages

1  2  3  4  5  6  7  8  9 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn