Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

APE1117 Fiches technique(PDF) 2 Page - Advanced Power Electronics Corp.

No de pièce APE1117
Description  1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  A-POWER [Advanced Power Electronics Corp.]
Site Internet  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

APE1117 Fiches technique(HTML) 2 Page - Advanced Power Electronics Corp.

  APE1117 Datasheet HTML 1Page - Advanced Power Electronics Corp. APE1117 Datasheet HTML 2Page - Advanced Power Electronics Corp. APE1117 Datasheet HTML 3Page - Advanced Power Electronics Corp. APE1117 Datasheet HTML 4Page - Advanced Power Electronics Corp. APE1117 Datasheet HTML 5Page - Advanced Power Electronics Corp. APE1117 Datasheet HTML 6Page - Advanced Power Electronics Corp. APE1117 Datasheet HTML 7Page - Advanced Power Electronics Corp. APE1117 Datasheet HTML 8Page - Advanced Power Electronics Corp. APE1117 Datasheet HTML 9Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
APE1117
Advanced Power Electronics Corp.
www.a-power.com.tw
2/
9
Pb Free Plating Product
Connection Diagram
3 PIN SOT223
3 PIN TO252
Vin
Vout
Adj (GND)
Tab is Vout
( Top View )
3
2
1
Vin
Vout
Adj (GND)
Tab is Vout
( Top View )
3 PIN SOT89
Adj (GND)
Vout
Vin
3
2
1
1
3
2
Tab is Vout
Block Diagram
3
Thermal
Shutdown
1
2
Vout
Adj
1.25V
+
+
CURRENT
LIMIT
Vin
+
+
1
GND
(FIXED)


Html Pages

1  2  3  4  5  6  7  8  9 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn