Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

APE1117 Fiches technique(PDF) 1 Page - Advanced Power Electronics Corp.

No de pièce APE1117
Description  1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  A-POWER [Advanced Power Electronics Corp.]
Site Internet  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

APE1117 Fiches technique(HTML) 1 Page - Advanced Power Electronics Corp.

  APE1117 Datasheet HTML 1Page - Advanced Power Electronics Corp. APE1117 Datasheet HTML 2Page - Advanced Power Electronics Corp. APE1117 Datasheet HTML 3Page - Advanced Power Electronics Corp. APE1117 Datasheet HTML 4Page - Advanced Power Electronics Corp. APE1117 Datasheet HTML 5Page - Advanced Power Electronics Corp. APE1117 Datasheet HTML 6Page - Advanced Power Electronics Corp. APE1117 Datasheet HTML 7Page - Advanced Power Electronics Corp. APE1117 Datasheet HTML 8Page - Advanced Power Electronics Corp. APE1117 Datasheet HTML 9Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
APE1117
This datasheet contains new product information. Advanced Power Electronics Corp. reserves the rights to modify the product specification without notice. No liability is assumed as
a result of the use of this product. No rights under any patent accompany the sale of the product.
1/
9
Pb Free Plating Product
Features
- 1.4V maximum dropout at full load current
- Fast transient response
- Output current limiting
- Built-in thermal shutdown
- Packages: SOT223, TO252,
SOT89,
- Good noise rejection
- 3-Terminal Adjustable or Fixed 1.5V, 1.8V, 1.9V,
2.5V, 3.3V, 5.0V
- RoHS Compliant
Applications
- PC peripheral
- Communication
General Description
APE1117 is a low dropout positive adjustable or
fixed-mode regulator with minimum of 1A output
current capability. The product is specifically
designed to provide well-regulated supply for low
voltage IC applications such as high-speed bus
termination and low current 3.3V logic supply.
APE1117 is also well suited for other applications
such as VGA cards. APE1117 is guaranteed to
have lower than 1.4V dropout at full load current
making it ideal to provide well-regulated outputs of
1.25 to 5.0 with 6.4V to 12V input supply.
Ordering Information
APE 1117
X XX
Low Dropout Regulator
Package
Vout
K : SOT223-3L
H : TO252-3L
G : SOT89-3L
Blank : ADJ
15 : 1.5V
18 : 1.8V
19: 1.9V
25 : 2.5V
33 : 3.3V
50 : 5.0V
Typical Circuit
C2
100uF
5V
3.3V/1A
Tab is Vout
Vin
Vout
GND
C1
100uF
( 5V/3.3V fixed output )
R1
121
R2
121
C2
100uF
5V
2.5V/1A
Tab is Vout
Vin
Vout
Adj
C1
100uF
o
V
( 5V/2.5V ADJ output )
)
1
2
REF
o
R
R
(1
V
V
+
=
Note:


Html Pages

1  2  3  4  5  6  7  8  9 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn