Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

APE1117 Fiches technique(PDF) 6 Page - Advanced Power Electronics Corp.

No de pièce APE1117
Description  1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  A-POWER [Advanced Power Electronics Corp.]
Site Internet  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

APE1117 Fiches technique(HTML) 6 Page - Advanced Power Electronics Corp.

  APE1117 Datasheet HTML 1Page - Advanced Power Electronics Corp. APE1117 Datasheet HTML 2Page - Advanced Power Electronics Corp. APE1117 Datasheet HTML 3Page - Advanced Power Electronics Corp. APE1117 Datasheet HTML 4Page - Advanced Power Electronics Corp. APE1117 Datasheet HTML 5Page - Advanced Power Electronics Corp. APE1117 Datasheet HTML 6Page - Advanced Power Electronics Corp. APE1117 Datasheet HTML 7Page - Advanced Power Electronics Corp. APE1117 Datasheet HTML 8Page - Advanced Power Electronics Corp. APE1117 Datasheet HTML 9Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
APE1117
Advanced Power Electronics Corp.
www.a-power.com.tw
6/
9
Pb Free Plating Product
Marking Information
(1) SOT223-3L
X XX XXX
1 1 1 7
Output Type:
1117: Adjustable
117-15: 1.5V
117-18: 1.8V
117-19: 1.9V
117-25: 2.5V
117-33: 3.3V
117-50: 5.0V
Year:
(Top view)
"2" = 2002
"1" = 2001
Xth Week: 01~52
Sequence:
001~
(2) TO252-3L
117- 33
Output Type:
1117: Adjustable
117-15: 1.5V
117-18: 1.8V
117-19: 1.9V
117-25: 2.5V
117-33: 3.3V
117-50: 5.0V
Logo
Xth Week: 01~52
Year:
(Top view)
"2" = 2002
"1" = 2001
X XX XXX
Sequence:
001~
(
3) SOT89-3L
1
3
2
Date Code
Year:
1”=2001
2”=2002
Xth week:
01~52
Sequence:
0~9, A~
Identification Code
( See the table )
XX
X XX X
Identification
code
Output version
EA
APE1117-ADJ
EB
APE1117-1.5V
EC
APE1117-1.8V
EG
APE1117-1.9V
ED
APE1117-2.5V
EE
APE1117-3.3V
EF
APE1117-5.0V


Html Pages

1  2  3  4  5  6  7  8  9 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn