Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

APE1117 Fiches technique(PDF) 5 Page - Advanced Power Electronics Corp.

No de pièce APE1117
Description  1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  A-POWER [Advanced Power Electronics Corp.]
Site Internet  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

APE1117 Fiches technique(HTML) 5 Page - Advanced Power Electronics Corp.

  APE1117 Datasheet HTML 1Page - Advanced Power Electronics Corp. APE1117 Datasheet HTML 2Page - Advanced Power Electronics Corp. APE1117 Datasheet HTML 3Page - Advanced Power Electronics Corp. APE1117 Datasheet HTML 4Page - Advanced Power Electronics Corp. APE1117 Datasheet HTML 5Page - Advanced Power Electronics Corp. APE1117 Datasheet HTML 6Page - Advanced Power Electronics Corp. APE1117 Datasheet HTML 7Page - Advanced Power Electronics Corp. APE1117 Datasheet HTML 8Page - Advanced Power Electronics Corp. APE1117 Datasheet HTML 9Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
APE1117
Advanced Power Electronics Corp.
www.a-power.com.tw
5/
9
Pb Free Plating Product
Typical Performance Characteristics
Temperature (oC)
Percent Change in Output Voltage vs Temperature
-50
-25
0
25
50
75
100
125
150
- 2
-1.5
- 1
-0.5
0
0. 5
1
1.5
2
Input Voltage (V)
Line Regulation
0
0.2
0.4
0.6
0.8
1
24
6
8
10
12
TIME (us)
Line Transient Response
-40
-20
0
20
40
5.5
6.5
7.5
Cin=1uF
Cout=10uF Tantalum
0
20
40
60
80
100 120 140 160 180 200
TIME (us)
Load Transient Response
010
20
30
40
50
60
70
80
90 100
-1
0
1
2
-20
-10
0
10
20
30
C in = 1uF
C out = 10 uF Tantalum
Preload = 100mA
Temperature (oC)
Load Regulation vs Temperature
-25
0
25
50
75
100
125
- 1
-0.80
-0.40
-0.20
0
0.20
I load=800mA
Dropout Voltage vs Output Current
Output Current (mA)
0
0. 2
0. 4
0. 6
0. 8
1. 0
1. 2
1. 4
1. 6
1. 8
2. 0
0
250
500
750
1000
Tj = 125 oC
Tj = 25 oC


Html Pages

1  2  3  4  5  6  7  8  9 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn