Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

APE1117 Fiches technique(PDF) 4 Page - Advanced Power Electronics Corp.

No de pièce APE1117
Description  1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  A-POWER [Advanced Power Electronics Corp.]
Site Internet  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

APE1117 Fiches technique(HTML) 4 Page - Advanced Power Electronics Corp.

  APE1117 Datasheet HTML 1Page - Advanced Power Electronics Corp. APE1117 Datasheet HTML 2Page - Advanced Power Electronics Corp. APE1117 Datasheet HTML 3Page - Advanced Power Electronics Corp. APE1117 Datasheet HTML 4Page - Advanced Power Electronics Corp. APE1117 Datasheet HTML 5Page - Advanced Power Electronics Corp. APE1117 Datasheet HTML 6Page - Advanced Power Electronics Corp. APE1117 Datasheet HTML 7Page - Advanced Power Electronics Corp. APE1117 Datasheet HTML 8Page - Advanced Power Electronics Corp. APE1117 Datasheet HTML 9Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
APE1117
Advanced Power Electronics Corp.
www.a-power.com.tw
4/
9
Pb Free Plating Product
Electrical Characteristics (Under Operating Conditions)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Reference Voltage
APE1117-ADJ
TJ=25
oC,(V
IN-OUT)=1.5V
IO=10mA
1.225
1.250
1.275
V
APE1117-1.5
IOUT = 10mA, TJ = 25
oC,
3V≦VIN≦12V
1.470
1.500
1.530
V
APE1117-1.8
IOUT = 10mA, TJ = 25
oC,
3.3V≦VIN≦12V
1.764
1.800
1.836
V
APE1117-1.9
IOUT = 10mA, TJ = 25
oC,
3.3V≦VIN≦12V
1.862
1.900
1.938
V
APE1117-2.5
IOUT = 10mA, TJ = 25
oC,
4V≦VIN≦12V
2.450
2.500
2.550
V
APE1117-3.3
IOUT = 10mA, TJ = 25
oC,
4.8V≦VIN≦12V
3.235
3.300
3.365
V
Output Voltage
APE1117-5.0
IOUT = 10mA, TJ = 25
oC,
6.5V≦VIN≦12V
4.900
5.000
5.100
V
Line Regulation
APE1117-XXX
IO=10mA,VOUT+1.5V<VIN<12V,
TJ=25
oC
0.2
%
APE1117-ADJ
VIN=3.3V,Vadj=0,0mA<Io<1A,
TJ=25
oC (Note 1,2)
1
%
APE1117-1.5
VIN=3V, 0mA<Io<1A,
TJ=25
oC (Note 1,2)
12
15
mV
APE1117-1.8
VIN=3.3V, 0mA<Io<1A,
TJ=25
oC (Note 1,2)
15
18
mV
APE1117-1.9
VIN=3.3V, 0mA<Io<1A,
TJ=25
oC (Note 1,2)
16
19
mV
APE1117-2.5
VIN=4V, 0mA<Io<1A,
TJ=25
oC (Note 1,2)
20
25
mV
APE1117-3.3
VIN = 5V, 0≦IOUT≦1A,
TJ=25
oC (Note 1,2)
26
33
mV
Load Regulation
APE1117-5.0
VIN = 8V, 0≦IOUT≦1A,
TJ=25
oC (Note 1,2)
40
50
mV
Dropout Voltage
(VIN-VOUT)
APE1117-ADJ/1.5/1.8
/1.9/2.5/3.3/5.0
IOUT = 1A ,∆VOUT=0.1%VOUT
1.3
1.4
V
Current Limit
APE1117-ADJ/1.5/1.8
/1.9/2.5/3.3/5.0
(VIN-VOUT) = 5V
1. 1
A
Minimum Load Current
APE1117-XXX
0
oC≦Tj≦125oC
5
10
mA
Thermal Regulation
TA=25
oC, 30ms pulse
0.008
0.04
%/W
F=120Hz,COUT=25uF Tantalum, IOUT=1A
Ripple Rejection
APE1117-XXX
VIN=VOUT+3V
60
70
dB
Temperature Stability
IO=10mA
0.5
%
JA
θ Thermal Resistance
Junction-to-Ambient(No
heat sink ;No air flow)
SOT89
SOT-223
TO-252
300
117
92
OC/W
JC
θ Thermal Resistance
Junction-to-Case
SOT89 : Control Circuitry/Power Transistor
SOT-223 : Control Circuitry/Power Transistor
TO-252 : Control Circuitry/Power Transistor
100
15
10
OC/W
Note1: See thermal regulation specifications for changes in output voltage due to heating effects. Line and load regulation are measured at a constant
junction temperature by low duty cycle pulse testing. Load regulation is measured at the output lead = 1/18” from the package.
Note2: Line and load regulation are guaranteed up to the maximum power dissipation of 15W. Power dissipation is determined by the difference between
input and output differential and the output current. Guaranteed maximum power dissipation will not be available over the full input/output range.
Note3: Quiescent current is defined as the minimum output current required in maintaining regulation. At 12V input/output differential the
device is guaranteed to regulate if the output current is greater than 10mA.


Html Pages

1  2  3  4  5  6  7  8  9 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn