Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

APE1084 Fiches technique(PDF) 3 Page - Advanced Power Electronics Corp.

No de pièce APE1084
Description  5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  A-POWER [Advanced Power Electronics Corp.]
Site Internet  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

APE1084 Fiches technique(HTML) 3 Page - Advanced Power Electronics Corp.

  APE1084 Datasheet HTML 1Page - Advanced Power Electronics Corp. APE1084 Datasheet HTML 2Page - Advanced Power Electronics Corp. APE1084 Datasheet HTML 3Page - Advanced Power Electronics Corp. APE1084 Datasheet HTML 4Page - Advanced Power Electronics Corp. APE1084 Datasheet HTML 5Page - Advanced Power Electronics Corp. APE1084 Datasheet HTML 6Page - Advanced Power Electronics Corp. APE1084 Datasheet HTML 7Page - Advanced Power Electronics Corp. APE1084 Datasheet HTML 8Page - Advanced Power Electronics Corp. APE1084 Datasheet HTML 9Page - Advanced Power Electronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
APE1084
5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
Advanced Power Electronics Corp.
www.a-power.com.tw
3/1
0
Pb Free Plating Product
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
Vin
DC Supply Voltage
-0.3 to 12
V
PD
Power Dissipation
Internally Limited
TST
Storage Temperature
-65 to +150
oC
TOP
Operating Junction Temperature Range
0 to +150
oC
Electrical Characteristics (Under Operating Conditions)
Sym.
Parameter
Conditions (Notes)
Min.
Typ.
Max.
Unit
VREF
Reference Voltage Io=10mA, Tj=25
oC, (Vin-Vout)=1.5V
1.225
1.250
1.275
V
APE1084-XXX
IO=10mA, VOUT+1.5V<VIN<12V, TJ =25
oC
0.2
%
APE1084-1.5
IOUT = 10mA, TJ = 25
oC, 3V≦V
IN≦12V
1.470
1.500
1.530
V
APE1084-1.8
IOUT = 10mA, TJ = 25
oC, 3.3V≦V
IN≦12V
1.764
1.800
1.836
V
APE1084-2.5
IOUT = 10mA, TJ = 25
oC, 4V≦V
IN≦12V
2.450
2.500
2.550
V
APE1084-3.3
IOUT = 10mA, TJ = 25
oC, 4.8V≦V
IN≦12V
3.235
3.300
3.365
V
Line
Regulation
APE1084-5.0
IOUT = 10mA, TJ = 25
oC, 6.5V≦V
IN≦12V
4.900
5.000
5.100
V
APE1084-Adj
VIN=3.3V, 0mA<Io<5A, TJ =25
oC
(Note 1,2)
1
%
APE1084-1.5
VIN=3V, 0mA<Io<5A, TJ =25
oC
(Note 1,2)
12
15
mV
APE1084-1.8
VIN=3.3V, 0mA<Io<5A
TJ =25
oC (Note 1,2)
15
18
mV
APE1084-2.5
VIN=4V, 0mA<Io<5A
TJ =25
oC (Note 1,2)
20
25
mV
APE1084-3.3
VIN = 5V, 0mA<Io<5A , TJ=25
oC (Note 1,2)
26
33
mV
Load
Regulation
APE1084-5.0
VIN = 8V, 0mA<Io<5A, TJ=25
oC (Note 1,2)
40
50
mV
∆Vo
Dropout Voltage
Io=5.0A (
∆Vout = 1% Vout)
1.3
1.4
V
Current Limit
Vin-Vout=5V
5.1
A
Minimum Load
Current
5
10
mA
Temperature
Stability
Io=10mA
0.5
%
Thermal Resistance
Junction-to-Ambient
(No heat sink ;No
air flow)
TO-252
TO-263
TO-220
98
83
83
θJA
OC/W
θJC
Thermal Resistance
Junction-to-Case
TO-252: Control Circuitry/Power Transistor
TO-263: Control Circuitry/Power Transistor
TO-220: Control Circuitry/Power Transistor
10
0.65/2.7
0.65/2.7
OC/W
Note 1:
See thermal regulation specifications for changes in output voltage due to heating effects. Line and load regulation are measured
at a constant junction temperature by low duty cycle pulse testing. Load regulation is measured at the output lead = 1/18” from the
package.
Note 2:
Line and load regulation are guaranteed up to the maximum power dissipation of 15W. Power dissipation is determined by the
difference between input and output and the output current. Guaranteed maximum power dissipation will not be available over the
full input/output range.


Html Pages

1  2  3  4  5  6  7  8  9  10 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn