Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

APE1084 Fiches technique(PDF) 2 Page - Advanced Power Electronics Corp.

No de pièce APE1084
Description  5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  A-POWER [Advanced Power Electronics Corp.]
Site Internet  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

APE1084 Fiches technique(HTML) 2 Page - Advanced Power Electronics Corp.

  APE1084 Datasheet HTML 1Page - Advanced Power Electronics Corp. APE1084 Datasheet HTML 2Page - Advanced Power Electronics Corp. APE1084 Datasheet HTML 3Page - Advanced Power Electronics Corp. APE1084 Datasheet HTML 4Page - Advanced Power Electronics Corp. APE1084 Datasheet HTML 5Page - Advanced Power Electronics Corp. APE1084 Datasheet HTML 6Page - Advanced Power Electronics Corp. APE1084 Datasheet HTML 7Page - Advanced Power Electronics Corp. APE1084 Datasheet HTML 8Page - Advanced Power Electronics Corp. APE1084 Datasheet HTML 9Page - Advanced Power Electronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
APE1084
5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
Advanced Power Electronics Corp.
www.a-power.com.tw
2/1
0
Pb Free Plating Product
Connection Diagram
TO263
3
2
1
Vin
Vout
Adj (GND)
Tab is Vout
FRONT VIEW
TO252
3
2
1
Vin
Vout
Adj (GND)
Tab is Vout
FRONT VIEW
TO220
Tab is Vout
3
Vin
2
1
Vout
Adj (GND)
FRONT VIEW
Pin Descriptions
Pin No.
Name
I/O
TO263/
252/220
PDIP-8
Function
Adj
(GND)
I
1
1
Adjustable (Ground only for fixed mode)
A resistor divider from this pin to the Vout pin and ground sets the
output voltage. (Ground only for Fixed-Mode)
Vout
O
2
2/3/5/6/
7/8
The output of the regulator. A minimum of 10uF (0.15 Ω ≤ ESR ≤
20Ω) capacitor must be connected from this pin to ground to insure
stability.
Vin
I
3
4
The input pin of regulator. Typically a large storage capacitor (0.15Ω
≤ ESR ≤ 20Ω) is connected from this pin to ground to insure that the
input voltage does not sag below the minimum dropout voltage
during the load transient response. This pin must always be 1.4V
(1.3V) higher than Vout in order for the device to regulate properly.


Html Pages

1  2  3  4  5  6  7  8  9  10 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn