Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

APE1084 Fiches technique(PDF) 1 Page - Advanced Power Electronics Corp.

No de pièce APE1084
Description  5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  A-POWER [Advanced Power Electronics Corp.]
Site Internet  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

APE1084 Fiches technique(HTML) 1 Page - Advanced Power Electronics Corp.

  APE1084 Datasheet HTML 1Page - Advanced Power Electronics Corp. APE1084 Datasheet HTML 2Page - Advanced Power Electronics Corp. APE1084 Datasheet HTML 3Page - Advanced Power Electronics Corp. APE1084 Datasheet HTML 4Page - Advanced Power Electronics Corp. APE1084 Datasheet HTML 5Page - Advanced Power Electronics Corp. APE1084 Datasheet HTML 6Page - Advanced Power Electronics Corp. APE1084 Datasheet HTML 7Page - Advanced Power Electronics Corp. APE1084 Datasheet HTML 8Page - Advanced Power Electronics Corp. APE1084 Datasheet HTML 9Page - Advanced Power Electronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
APE1084
5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
This datasheet contains new product information. Advanced Power Electronics Corp. reserves the rights to modify the product specification without notice. No liability is assumed as
a result of the use of this product. No rights under any patent accompany the sale of the product.
1/1
0
Pb Free Plating Product
20
0414062
1. Features
1.4V maximum dropout at full load current
Built-in thermal shutdown
Output current limiting
Adjustable output voltage or fixed 1.5V, 1.8V, 2.5V,
3.3V, 5.0V
Fast transient response
Good noise rejection
Package : TO252, TO263, TO220
RoHS Compliant
Ordering Information
General Description
APE1084 is a low dropout positive adjustable or
fixed-mode regulator with minimum of 5.0A output
current capability. The product is specifically
designed to provide well-regulated supply for low
voltage IC applications such as high-speed bus
termination and low current 3.3V logic supply.
APE1084 is also well suited for other applications
such as VGA cards. APE1084 is guaranteed to have
lower than 1.4V dropout at full load current making it
ideal to provide well-regulated outputs of 1.25 to
3.3V with 4.7 to 12V input supply.
APE 1084
X XX
Low Dropout Regulator
Package
Vout
H : TO252-3L
S : TO263-3L
P : TO220-3L
Blank : Adj
15 = 1.5V
18 = 1.8V
25 = 2.5V
33 = 3.3V
50 = 5.0V
Block Diagram
3
Thermal
Shutdown
1
2 Vout
Adj
1.25V
+
+
CURRENT
LIMIT
Vin
+
+


Html Pages

1  2  3  4  5  6  7  8  9  10 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn