Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

APE1084 Fiches technique(PDF) 4 Page - Advanced Power Electronics Corp.

No de pièce APE1084
Description  5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  A-POWER [Advanced Power Electronics Corp.]
Site Internet  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

APE1084 Fiches technique(HTML) 4 Page - Advanced Power Electronics Corp.

  APE1084 Datasheet HTML 1Page - Advanced Power Electronics Corp. APE1084 Datasheet HTML 2Page - Advanced Power Electronics Corp. APE1084 Datasheet HTML 3Page - Advanced Power Electronics Corp. APE1084 Datasheet HTML 4Page - Advanced Power Electronics Corp. APE1084 Datasheet HTML 5Page - Advanced Power Electronics Corp. APE1084 Datasheet HTML 6Page - Advanced Power Electronics Corp. APE1084 Datasheet HTML 7Page - Advanced Power Electronics Corp. APE1084 Datasheet HTML 8Page - Advanced Power Electronics Corp. APE1084 Datasheet HTML 9Page - Advanced Power Electronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
APE1084
5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
Advanced Power Electronics Corp.
www.a-power.com.tw
4/1
0
Pb Free Plating Product
Typical Circuit
(1) TO263/252/220
5.0V to 3.3V Fixed Mode Regulator
C2
100uF
5V
3.3V/5A
Tab is Vout
Vin
Vout
GND
C1
100uF
Adjustable Regulator
R1
R2
C2
100uF
5V
2.5V/5A
Tab is Vout
Vin
Vout
Adj
C1
100uF
121
121
)
R
1
R
2
(1
V
REF
V
O
++++
====
Note:


Html Pages

1  2  3  4  5  6  7  8  9  10 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn