Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

AP2761I-A Fiches technique(PDF) 1 Page - Advanced Power Electronics Corp.

No de pièce AP2761I-A
Description  N-CHANNEL ENHANCEMENT MODE POWER MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  A-POWER [Advanced Power Electronics Corp.]
Site Internet  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP2761I-A Fiches technique(HTML) 1 Page - Advanced Power Electronics Corp.

  AP2761I-A Datasheet HTML 1Page - Advanced Power Electronics Corp. AP2761I-A Datasheet HTML 2Page - Advanced Power Electronics Corp. AP2761I-A Datasheet HTML 3Page - Advanced Power Electronics Corp. AP2761I-A Datasheet HTML 4Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Advanced Power
N-CHANNEL ENHANCEMENT MODE
Electronics Corp.
POWER MOSFET
▼ Repetitive Avalanche Rated
BVDSS
650V
▼ Fast Switching
RDS(ON)
1.0Ω
▼ Simple Drive Requirement
ID
10A
▼ RoHS Compliant
Description
Absolute Maximum Ratings
Symbol
Units
VDS
Drain-Source Voltage
V
VGS
Gate-Source Voltage
V
ID@TC=25℃
Continuous Drain Current, VGS @ 10V
A
ID@TC=100℃
Continuous Drain Current, VGS @ 10V
A
IDM
Pulsed Drain Current
1
A
PD@TC=25℃
Total Power Dissipation
W
W/℃
EAS
Single Pulse Avalanche Energy
2
mJ
IAR
Avalanche Current
A
TSTG
Storage Temperature Range
TJ
Operating Junction Temperature Range
Thermal Data
Symbol
Parameter
Value
Units
Rthj-c
Thermal Resistance Junction-case
Max.
3.4
℃/W
Rthj-a
Thermal Resistance Junction-ambient
Max.
65
℃/W
Data & specifications subject to change without notice
36
Linear Derating Factor
0.3
Parameter
Rating
650
6.4
-55 to 150
AP2761I-A
10
±30
10
Pb Free Plating Product
200706053-1/4
65
37
-55 to 150
G
D
S
G
D
S
TO-220CFM(I)
AP2761 series are specially designed as main switching devices for
universal 90~265VAC off-line AC/DC converter applications.
TO-220CFM type provide high blocking voltage to overcome voltage surge
and sag in the toughest power system with the best combination of fast
switching,ruggedized design and cost-effectiveness.


Html Pages

1  2  3  4 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
IRF230 N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFET 1  2  Seme LAB
ARF440 N-CHANNEL ENHANCEMENT MODE RF POWER MOSFET 1  2  3  4  Advanced Power Technology
RF1K49086 3.5A 30V Avalanche Rated Dual N-Channel LittleFET™ Enhancement Mode Power MOSFET 1  2  3  4  5  More Fairchild Semiconductor
BFC11 4TH GENERATION MOSFET N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE ISOLATED POWER MOSFETS 1  2  Seme LAB
SD1905 HF/VHF POWER MOSFET N-Channel Enhancement Mode 1  Advanced Semiconductor
AP9973M N-CHANNEL ENHANCEMENT MODE POWER MOSFET 1  2  3  4  List of Unclassifed Manufacturers
SSM4410M N-CHANNEL ENHANCEMENT MODE POWER MOSFET 1  2  3  4  5  More List of Unclassifed Manufacturers
AP01N60H N-CHANNEL ENHANCEMENT MODE POWER MOSFET 1  2  3  4  Advanced Power Electronics Corp.
AP04N70BF-H N-CHANNEL ENHANCEMENT MODE POWER MOSFET 1  2  3  4  5  More Advanced Power Electronics Corp.
AP15T03H N-CHANNEL ENHANCEMENT MODE POWER MOSFET 1  2  3  4  Advanced Power Electronics Corp.

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn