Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AP04N70BF-H Fiches technique(PDF) 5 Page - Advanced Power Electronics Corp.

No de pièce AP04N70BF-H
Description  N-CHANNEL ENHANCEMENT MODE POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  A-POWER [Advanced Power Electronics Corp.]
Site Internet  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP04N70BF-H Fiches technique(HTML) 5 Page - Advanced Power Electronics Corp.

  AP04N70BF-H Datasheet HTML 1Page - Advanced Power Electronics Corp. AP04N70BF-H Datasheet HTML 2Page - Advanced Power Electronics Corp. AP04N70BF-H Datasheet HTML 3Page - Advanced Power Electronics Corp. AP04N70BF-H Datasheet HTML 4Page - Advanced Power Electronics Corp. AP04N70BF-H Datasheet HTML 5Page - Advanced Power Electronics Corp. AP04N70BF-H Datasheet HTML 6Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Fig 9. Gate Charge Characteristics
Fig 10. Typical Capacitance Characteristics
Fig 11. Forward Characteristic of
Fig 12. Gate Threshold Voltage v.s.
Reverse Diode
Junction Temperature
5/6
AP04N70BF-H
0
1
2
3
4
5
-50
0
50
100
150
T j , Junction Temperature (
o C )
0
2
4
6
8
10
12
14
16
0
5
10
15
20
25
Q G , Total Gate Charge (nC)
I D =4A
V DS =480V
V DS =400V
V DS =320V
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
V SD (V)
T j = 25
o C
T j =150
o C
1
100
10000
1
6
11
16
21
26
31
V DS (V)
f=1.0MHz
Ciss
Coss
Crss


Numéro de pièce similaire - AP04N70BF-H

FabricantNo de pièceFiches techniqueDescription
logo
VBsemi Electronics Co.,...
AP04N70BF-H VBSEMI-AP04N70BF-H Datasheet
1Mb / 8P
   N-Channel 700 V (D-S) Power MOSFET
More results

Description similaire - AP04N70BF-H

FabricantNo de pièceFiches techniqueDescription
logo
Microsemi Corporation
MSAFA75N10C MICROSEMI-MSAFA75N10C Datasheet
83Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GP9973 GTM-GP9973 Datasheet
335Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE85T03 GTM-GE85T03 Datasheet
246Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE88L02 GTM-GE88L02 Datasheet
253Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com