Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

AAT3169 Fiches technique(PDF) 1 Page - Advanced Analogic Technologies

No de pièce AAT3169
Description  High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ANALOGICTECH [Advanced Analogic Technologies]
Site Internet  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3169 Fiches technique(HTML) 1 Page - Advanced Analogic Technologies

  AAT3169 Datasheet HTML 1Page - Advanced Analogic Technologies AAT3169 Datasheet HTML 2Page - Advanced Analogic Technologies AAT3169 Datasheet HTML 3Page - Advanced Analogic Technologies AAT3169 Datasheet HTML 4Page - Advanced Analogic Technologies AAT3169 Datasheet HTML 5Page - Advanced Analogic Technologies AAT3169 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3169 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3169 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3169 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
General Description
The AAT3169 is a low noise, constant frequency
charge pump DC/DC converter that uses a tri-mode
load switch (1X), fractional (1.5X), and doubling
(2X) conversion to maximize efficiency for white
LED applications. The AAT3169 is capable of driv-
ing six LEDs for a total of 180mA from a 2.7V to
5.5V input. The current sinks may be operated indi-
vidually or in parallel for driving higher current LEDs.
A low external parts count (two 1µF flying capacitors
and two small 1µF capacitors at VIN and VOUT)
make this part ideally suited for small, battery-pow-
ered applications.
AnalogicTech's AS2Cwire™ (Advanced Simple
Serial Control™) serial digital input is used to
enable, disable, and set current for each LED with
a 16-level logarithmic scale plus four low-current
settings down to 115µA. For optimized efficiency,
low-current settings require only 65µA of house-
keeping current.
Each output of the AAT3169 is equipped with built-
in protection for VOUT short-circuit and auto-disable
for load short-circuit conditions. Built-in soft-start
circuitry prevents excessive inrush current during
start-up. A low-current shutdown feature discon-
nects the load from VIN and reduces quiescent cur-
rent to less than 1µA.
The AAT3169 is available in a Pb-free, space-sav-
ing, thermally-enhanced 16-pin 3x4mm TDFN or
4x4mm QFN package.
Features
•VIN Range: 2.7V to 5.5V
Fully Programmable Current with Single Wire
— 16-Step Logarithmic Scale
— 20/30/15mA Max Current
— Four Low-Current Settings Down to 115µA
— Low IQ (65µA) for Single-Channel, Low-
Current Mode
Tri-Mode 1X, 1.5X, and 2X Charge Pump for
Maximum Efficiency and VF Coverage
Drives Up to Six LEDs
Individual Main-Sub (5-1) Group Control
No Inductors, Low Noise Operation
1MHz Constant Switching Frequency
Small Application Circuit
Built-In Thermal Protection
Built-In Auto-Disable for Open Circuit
Automatic Soft Start
•IQ <1µA in Shutdown
Thermally-Enhanced TDFN34-16 or
QFN44-16 Package
Applications
Color (RGB) Lighting
Programmable Current Sink
White LED Backlighting
White Photo Flash for Digital Still Cameras
AAT3169
High Efficiency 1X/1.5X/2X Charge
Pump for White LED Applications
Typical Application
C1
1
μF
C2
1
μF
D1
D2
D3
D4
D5
COUT
1
μF
CIN
1
μF
2.7V to 5.5V
EN/SET
VIN
EN/SET
C1+
C1-
C2+
C2-
VOUT
D1
D2
D3
D4
D5
GND
AAT3169
D6
D6
3169.2006.04.1.0
1
ChargePump


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn