Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

AAT3169 Fiches technique(PDF) 6 Page - Advanced Analogic Technologies

No de pièce AAT3169
Description  High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ANALOGICTECH [Advanced Analogic Technologies]
Site Internet  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3169 Fiches technique(HTML) 6 Page - Advanced Analogic Technologies

Back Button AAT3169 Datasheet HTML 2Page - Advanced Analogic Technologies AAT3169 Datasheet HTML 3Page - Advanced Analogic Technologies AAT3169 Datasheet HTML 4Page - Advanced Analogic Technologies AAT3169 Datasheet HTML 5Page - Advanced Analogic Technologies AAT3169 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3169 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3169 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3169 Datasheet HTML 9Page - Advanced Analogic Technologies AAT3169 Datasheet HTML 10Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Typical Characteristics
Load Characteristics
(VIN = 3.6V; 2X Mode; 30mA/Channel)
Time (500ns/div)
VIN
(40mV/div)
VSINK
(40mV/div)
CP
(40mV/div)
Load Characteristics
(VIN = 4.3V; 1.5X Mode; 30mA/Channel)
Time (500ns/div)
VIN
(40mV/div)
VSINK
(40mV/div)
CP
(40mV/div)
Load Characteristics
(VIN = 3.1V; 2X Mode; 20mA/Channel)
Time (500ns/div)
VIN
(40mV/div)
VSINK
(40mV/div)
CP
(40mV/div)
Load Characteristics
(VIN = 4.0V; 1.5X Mode; 20mA/Channel)
Time (500ns/div)
VIN
(40mV/div)
VSINK
(40mV/div)
CP
(40mV/div)
Load Characteristics
(VIN = 2.9V; 2X Mode; 15mA/Channel)
Time (500ns/div)
VIN
(40mV/div)
VSINK
(40mV/div)
CP
(40mV/div)
Load Characteristics
(VIN = 3.8V; 1.5X Mode; 15mA/Channel)
Time (500ns/div)
VIN
(40mV/div)
VSINK
(40mV/div)
CP
(40mV/div)
AAT3169
High Efficiency 1X/1.5X/2X Charge
Pump for White LED Applications
6
3169.2006.04.1.0


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn