Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

AAT3169 Fiches technique(PDF) 3 Page - Advanced Analogic Technologies

No de pièce AAT3169
Description  High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ANALOGICTECH [Advanced Analogic Technologies]
Site Internet  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3169 Fiches technique(HTML) 3 Page - Advanced Analogic Technologies

  AAT3169 Datasheet HTML 1Page - Advanced Analogic Technologies AAT3169 Datasheet HTML 2Page - Advanced Analogic Technologies AAT3169 Datasheet HTML 3Page - Advanced Analogic Technologies AAT3169 Datasheet HTML 4Page - Advanced Analogic Technologies AAT3169 Datasheet HTML 5Page - Advanced Analogic Technologies AAT3169 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3169 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3169 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3169 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Absolute Maximum Ratings1
Thermal Information3
Symbol
Description
Value
Units
PD
Maximum Power Dissipation
QFN44-16
2.0
W
TDFN34-16
θJA
Maximum Thermal Resistance
QFN44-164
50
°C/W
TDFN34-165
Symbol
Description
Value
Units
VIN
Input Voltage
-0.3 to 6
V
VEN/SET
EN/SET to GND Voltage
-0.3 to VIN + 0.3
V
IOUT2
Maximum DC Output Current
180
mA
TJ
Operating Junction Temperature Range
-40 to 150
°C
TLEAD
Maximum Soldering Temperature (at leads, 10 sec)
300
°C
AAT3169
High Efficiency 1X/1.5X/2X Charge
Pump for White LED Applications
3169.2006.04.1.0
3
1. Stresses above those listed in Absolute Maximum Ratings may cause permanent damage to the device. Functional operation at conditions
other than the operating conditions specified is not implied. Only one Absolute Maximum Rating should be applied at any one time.
2. Based on long-term current density limitation.
3. Mounted on an FR4 board.
4. Derate 20mW/°C above 25°C.
5. Derate 6.25mW/°C above 25°C.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn