Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

AAT3169 Fiches technique(PDF) 2 Page - Advanced Analogic Technologies

No de pièce AAT3169
Description  High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ANALOGICTECH [Advanced Analogic Technologies]
Site Internet  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3169 Fiches technique(HTML) 2 Page - Advanced Analogic Technologies

  AAT3169 Datasheet HTML 1Page - Advanced Analogic Technologies AAT3169 Datasheet HTML 2Page - Advanced Analogic Technologies AAT3169 Datasheet HTML 3Page - Advanced Analogic Technologies AAT3169 Datasheet HTML 4Page - Advanced Analogic Technologies AAT3169 Datasheet HTML 5Page - Advanced Analogic Technologies AAT3169 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3169 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3169 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3169 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Pin Descriptions
Pin Configuration
TDFN34-16
QFN44-16
(Top View)
(Top View)
1
2
3
4
12
11
10
9
D6
EN/SET
N/C
VOUT
GND
VIN
GND
D1
N/C
VOUT
C2+
D6
EN/SET
3
C1+
C1-
C2-
D3
D2
D1
D5
D4
GND
VIN
GND
4
5
1
2
6
7
8
14
13
12
16
15
11
10
9
Pin #
Symbol
Function
1
D6
Current sink input #6.
2
EN/SET
AS2Cwire serial interface control pin.
3
N/C
No connection.
4
VOUT
Charge pump output to drive load circuit. Requires 1µF capacitor connected between this
pin and ground.
5
C2+
Flying capacitor 2 positive terminal. Connect a 1µF capacitor between C2+ and C2-.
6
C1+
Flying capacitor 1 positive terminal. Connect a 1µF capacitor between C1+ and C1-.
7
C1-
Flying capacitor 1 negative terminal.
8
C2-
Flying capacitor 2 negative terminal.
9, 11
GND
Ground.
10
VIN
Input power supply. Requires 1µF capacitor connected between this pin and ground.
12
D1
Current sink input #1.
13
D2
Current sink input #2.
14
D3
Current sink input #3.
15
D4
Current sink input #4.
16
D5
Current sink input #5.
EP
Exposed paddle (bottom); connect to ground as closely as possible to the package.
AAT3169
High Efficiency 1X/1.5X/2X Charge
Pump for White LED Applications
2
3169.2006.04.1.0


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn