Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STP3055L2 Fiches technique(PDF) 1 Page - SamHop Microelectronics Corp.

No de pièce STP3055L2
Description  N-Channel Logic Level E nhancement Mode Field Effect Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SAMHOP [SamHop Microelectronics Corp.]
Site Internet  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STP3055L2 Fiches technique(HTML) 1 Page - SamHop Microelectronics Corp.

  STP3055L2 Datasheet HTML 1Page - SamHop Microelectronics Corp. STP3055L2 Datasheet HTML 2Page - SamHop Microelectronics Corp. STP3055L2 Datasheet HTML 3Page - SamHop Microelectronics Corp. STP3055L2 Datasheet HTML 4Page - SamHop Microelectronics Corp. STP3055L2 Datasheet HTML 5Page - SamHop Microelectronics Corp. STP3055L2 Datasheet HTML 6Page - SamHop Microelectronics Corp. STP3055L2 Datasheet HTML 7Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
N-Channel Logic Level E nhancement Mode Field E ffect Transistor
TO-220 and TO-263 Package.
ABS OLUTE MAXIMUM R ATINGS (TC=25 C unless otherwise noted)
S amHop Microelectronics C orp.
Nov 23, 2004
1
P R ODUC T S UMMAR Y
V DS S
ID
R DS (ON) ( m W )
20V
18A
40 @ V GS = 4.5V
60 @ V GS = 2.5V
F E AT UR E S
S uper high dense cell design for low R DS(ON).
R ugged and reliable.
S
G
D
THE R MAL CHAR ACTE R IS TICS
Thermal R esistance, Junction-to-Case
Thermal R esistance, Junction-to-Ambient
R JC
3
50
R JA
/W
C
/W
C
20
Parameter
S ymbol
Limit
Unit
Drain-S ource Voltage
VDS
V
Gate-S ource Voltage
12
VGS
V
-Pulsed
18
ID
A
45
IDM
A
Drain-S ource Diode Forward Current
15
IS
A
Maximum Power Dissipation
PD
W
Operating and S torage Temperature R ange
TJ, TS TG
-55 to 175
C
@ Tc=25 C
50
Drain Current-Continuous
@ TJ=25 C
a
Max
S T P /B 3055L2
S TB S E R IE S
TO-263(DD-PAK)
G
S
D
S TP S E R IE S
TO-220
S
D
G


Numéro de pièce similaire - STP3055L2

FabricantNo de pièceFiches techniqueDescription
logo
Stanson Technology
STP3052D STANSON-STP3052D Datasheet
664Kb / 6P
   P Channel Enhancement Mode MOSFET
More results

Description similaire - STP3055L2

FabricantNo de pièceFiches techniqueDescription
logo
SamHop Microelectronics...
STU3030NLS SAMHOP-STU3030NLS Datasheet
825Kb / 9P
   N-Channel Logic Level E nhancement Mode Field Effect Transistor
STU3525NL SAMHOP-STU3525NL Datasheet
888Kb / 8P
   N-Channel Logic Level E nhancement Mode Field Effect Transistor
SDP75N03L SAMHOP-SDP75N03L Datasheet
494Kb / 6P
   N-Channel Logic Level E nhancement Mode Field Effect Transistor
SDP85N03L SAMHOP-SDP85N03L Datasheet
533Kb / 6P
   N-Channel Logic Level E nhancement Mode Field Effect Transistor
STU6025NLS SAMHOP-STU6025NLS Datasheet
790Kb / 9P
   N-Channel Logic Level E nhancement Mode Field Effect Transistor
STU4530NLS SAMHOP-STU4530NLS Datasheet
944Kb / 9P
   N-Channel Logic Level E nhancement Mode Field Effect Transistor
STU5025NLS SAMHOP-STU5025NLS Datasheet
791Kb / 9P
   N-Channel Logic Level E nhancement Mode Field Effect Transistor
STU6025NL SAMHOP-STU6025NL Datasheet
874Kb / 8P
   N-Channel Logic Level E nhancement Mode Field Effect Transistor
STU3030NL SAMHOP-STU3030NL Datasheet
826Kb / 8P
   N-Channel Logic Level E nhancement Mode Field Effect Transistor
STU3525NLS SAMHOP-STU3525NLS Datasheet
850Kb / 9P
   N-Channel Logic Level E nhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com