Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LT1768 Fiches technique(PDF) 6 Page - Linear Technology

No de pièce LT1768
Description  High Power CCFL Controller for Wide Dimming Range and Maximum Lamp Lifetime
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LINER [Linear Technology]
Site Internet  http://www.linear.com
Logo LINER - Linear Technology

LT1768 Fiches technique(HTML) 6 Page - Linear Technology

Back Button LT1768 Datasheet HTML 2Page - Linear Technology LT1768 Datasheet HTML 3Page - Linear Technology LT1768 Datasheet HTML 4Page - Linear Technology LT1768 Datasheet HTML 5Page - Linear Technology LT1768 Datasheet HTML 6Page - Linear Technology LT1768 Datasheet HTML 7Page - Linear Technology LT1768 Datasheet HTML 8Page - Linear Technology LT1768 Datasheet HTML 9Page - Linear Technology LT1768 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LT1768
6
TYPICAL PERFOR A CE CHARACTERISTICS
TEMPERATURE (
°C)
3.90
3.85
3.80
3.75
3.70
3.65
3.60
3.55
3.50
3.45
3.40
1768 G26
–50
–25
0
25
50
75
100
125
IVC = 500µA
TEMPERATURE (
°C)
1.00
0.95
0.90
0.85
0.80
0.75
0.70
0.65
0.60
0.55
0.50
1768 G27
–50
–25
0
25
50
75
100
125
PWM VOLTAGE (V)
0
25
20
15
10
5
0
4
1768 G28
1
2
3
5
TEMPERATURE (
°C)
1.40
1.30
1.20
1.10
1.00
0.90
0.80
0.70
0.60
0.50
0.40
1768 G29
–50
–25
0
25
50
75
100
125
VPWM = 2.5V
TEMPERATURE (
°C)
200
180
160
140
120
100
80
60
40
20
0
1768 G31
–50
–25
0
25
50
75
100
125
GATE DUTY CYCLE (%)
120
110
100
90
80
70
60
50
40
30
20
1768 G32
0
102030 40
50 60 70
80 90 100
Lamp Fault Current Threshold
vs Temperature
Maximum Sense Threshold
vs Gate Drive Duty Cycle
PWM Pin Input Current vs
Temperature
VC Switching Threshold
vs Temperature
PWM Pin Input Current
vs Voltage
VC Clamp Voltage vs Temperature
IRMAX (µA)
110
108
106
104
102
100
98
96
94
92
90
1768 G33
0
–60
–120
–180
–240
–300
VPROG = 4.5V
VVC = 2.5V
IRMIN (µA)
11.0
10.8
10.6
10.4
10.2
10.0
9.8
9.6
9.4
9.2
9.0
1768 G35
0
–60
–120
–180
–240
–300
VPROG = 0.75V
VVC = 2.5V
IDIO1/2 to IRMAX Ratio vs RMAX
Current
IDIO1/2 to IRMAX Ratio vs RMAX
Current with a Lamp Fault
IDIO1/2 to IRMIN Ratio vs RMIN
Current
IRMAX (µA)
60
58
56
54
52
50
48
46
44
42
40
1768 G34
0
–60
–120
–180
–240
–300
VPROG = 4.5V
VVC = 2.5V
IDI01 OR IDI02 = 0µA


Numéro de pièce similaire - LT1768

FabricantNo de pièceFiches techniqueDescription
logo
Linear Technology
LT1768 LINER-LT1768_15 Datasheet
303Kb / 20P
   High Power CCFL Controller for Wide Dimming Range and Maximum Lamp Lifetime
More results

Description similaire - LT1768

FabricantNo de pièceFiches techniqueDescription
logo
Linear Technology
LT1768 LINER-LT1768_15 Datasheet
303Kb / 20P
   High Power CCFL Controller for Wide Dimming Range and Maximum Lamp Lifetime
logo
Maxim Integrated Produc...
MAX1996A MAXIM-MAX1996A Datasheet
883Kb / 28P
   High-Efficiency, Wide Brightness Range, CCFL Backlight Controller
Rev 1; 10/02
logo
Microsemi Corporation
LX1686E MICROSEMI-LX1686E Datasheet
143Kb / 8P
   Digital Dimming CCFL Controller IC
LX1686 MICROSEMI-LX1686 Datasheet
139Kb / 5P
   Digital Dimming CCFL Controller IC
LX1688 MICROSEMI-LX1688 Datasheet
624Kb / 15P
   MULTIPLE LAMP CCFL CONTROLLER
LX1688 MICROSEMI-LX1688_06 Datasheet
489Kb / 16P
   Multiple Lamp CCFL Controller
LXM1621-XX MICROSEMI-LXM1621-XX Datasheet
219Kb / 8P
   DIGITAL DIMMING DUAL LAMP CCFL INVERTER MODULE
LXM1641-01 MICROSEMI-LXM1641-01 Datasheet
232Kb / 11P
   DIGITAL DIMMING DUAL LAMP CCFL INVERTER MODULE
LXMG1621-XX MICROSEMI-LXMG1621-XX Datasheet
307Kb / 10P
   DIGITAL DIMMING DUAL LAMP CCFL INVERTER MODULE
LXMG1621-XX MICROSEMI-LXMG1621-XX_10 Datasheet
296Kb / 10P
   DIGITAL DIMMING DUAL LAMP CCFL INVERTER MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com