Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC25C25EPE Fiches technique(PDF) 6 Page - TelCom Semiconductor, Inc

No de pièce TC25C25EPE
Description  BICMOS PWM CONTROLLERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TELCOM [TelCom Semiconductor, Inc]
Site Internet  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC25C25EPE Fiches technique(HTML) 6 Page - TelCom Semiconductor, Inc

  TC25C25EPE Datasheet HTML 1Page - TelCom Semiconductor, Inc TC25C25EPE Datasheet HTML 2Page - TelCom Semiconductor, Inc TC25C25EPE Datasheet HTML 3Page - TelCom Semiconductor, Inc TC25C25EPE Datasheet HTML 4Page - TelCom Semiconductor, Inc TC25C25EPE Datasheet HTML 5Page - TelCom Semiconductor, Inc TC25C25EPE Datasheet HTML 6Page - TelCom Semiconductor, Inc TC25C25EPE Datasheet HTML 7Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
4-116
TELCOM SEMICONDUCTOR, INC.
TC25C25
TC35C25
BICMOS PWM CONTROLLERS
The resistor (RD) controls the period of dead time (TD).
During dead time this resistor (RD) current is the sum of the
CT discharge current and the ICHG current. The value for RD
can range from >1
Ω to <900Ω. Dead time increases when
RD is increased. See graph in Typical Characteristic Curve
for dead time resistor value.
OSCILLATOR FREQUENCY AND OUTPUT DEAD TIME
The oscillator frequency (FO) =
1
TCHG + TD
TCHG is the charging duration of CT. One of the PWM
Controller output drivers is ON during charging of CT. TD is
the output dead time when both of the output drivers are
inactive. Resistor (RT) sets the Capacitor (CT) charging
current.
To choose an oscillator frequency (FO), first select the
period of dead time (TD) required. Calculate the capacitor
charge time (TCHG).
TCHG =
1 – FO x TC
FO
Select a capacitor in the range of 100 pF to 1000 pF for
CT. See graph in Typical Characteristic Curve. Calculate
capacitor charging current (ICHG).
CT in Farads, TCHG in seconds, ICHG in amperes, and
RT in ohms.
ICHG =
2.5 x CT
TCHG
RT =
1.5
ICHG
1mA
TO OUTPUT
SHUTDOWN
IS
VON = 9.2V
VOFF = 7V
75
µA
7V
9.2V
IS = STARTUP CURRENT
VIN
V+
IN
CT
5
DISCH
7
RT
6
+
1.5V
3
SYNC
VDD
ICHARGE ≈
1.5V
RT
1/FO
TD
3V
.5V
ON-TIME
(TCHG)
PIN 5
OUTPUT DEAD TIME (TD)
PIN 4
RD
3V
0.5V
UNDERVOLTAGE LOCKOUT SECTION
The typical turn on threshold is 9.2V for operation of this
family of PWM Controllers. When supply voltage at pin 15
drops below 7V, after normal operation above 9.2V, lockout
occurs and both output drives to pin 11 and 14 are termi-
nated.


Numéro de pièce similaire - TC25C25EPE

FabricantNo de pièceFiches techniqueDescription
logo
Won-Top Electronics
TC2500 WTE-TC2500 Datasheet
23Kb / 2P
   25A 5/16 TIN CAN TYPE PRESS-FIT DIODE
TC2500 WTE-TC2500 Datasheet
29Kb / 2P
   25A GLASS PASSIVATED 5/16 TIN CAN PRESS-FIT DIODE
TC2500 WTE-TC2500 Datasheet
32Kb / 2P
   25A GLASS PASSIVATED 5/16 TIN CAN PRESS-FIT DIODE
TC2500 WTE-TC2500_06 Datasheet
29Kb / 2P
   25A GLASS PASSIVATED 5/16 TIN CAN PRESS-FIT DIODE
TC2500 WTE-TC2500_14 Datasheet
32Kb / 2P
   25A GLASS PASSIVATED 5/16 TIN CAN PRESS-FIT DIODE
More results

Description similaire - TC25C25EPE

FabricantNo de pièceFiches techniqueDescription
logo
Micrel Semiconductor
MIC38C42 MICREL-MIC38C42_07 Datasheet
345Kb / 11P
   BiCMOS Current-Mode PWM Controllers
MIC38C42 MICREL-MIC38C42_11 Datasheet
348Kb / 11P
   BiCMOS Current-Mode PWM Controllers
logo
TelCom Semiconductor, I...
TC18C43 TELCOM-TC18C43 Datasheet
83Kb / 7P
   BiCMOS CURRENT MODE PWM CONTROLLERS
logo
Micrel Semiconductor
MIC38C42A MICREL-MIC38C42A Datasheet
127Kb / 9P
   BiCMOS Current-Mode PWM Controllers
logo
IMP, Inc
IMP38C4X IMP-IMP38C4X Datasheet
160Kb / 10P
   BiCMOS Current-Mode PWM Controllers
logo
Microchip Technology
MIC38C42 MICROCHIP-MIC38C42 Datasheet
1Mb / 24P
   BiCMOS Current-Mode PWM Controllers
09/14/21
logo
Micrel Semiconductor
MIC38C42 MICREL-MIC38C42 Datasheet
100Kb / 11P
   BiCMOS Current-Mode PWM Controllers
logo
List of Unclassifed Man...
SG3842G ETC-SG3842G Datasheet
394Kb / 19P
   BiCMOS Green-Mode PWM Controllers
logo
Micrel Semiconductor
MIC38C43XYM MICREL-MIC38C43XYM Datasheet
354Kb / 11P
   BiCMOS Current-Mode PWM Controllers
MIC38C45YM MICREL-MIC38C45YM Datasheet
348Kb / 11P
   BiCMOS Current-Mode PWM Controllers
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com