Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UTCMC14511 Fiches technique(PDF) 6 Page - Unisonic Technologies

No de pièce UTCMC14511
Description  CMOS IC BCD-TO-SEVEN SEGMENT LATCH/DECODER/DRIVER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UTC [Unisonic Technologies]
Site Internet  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTCMC14511 Fiches technique(HTML) 6 Page - Unisonic Technologies

  UTCMC14511 Datasheet HTML 1Page - Unisonic Technologies UTCMC14511 Datasheet HTML 2Page - Unisonic Technologies UTCMC14511 Datasheet HTML 3Page - Unisonic Technologies UTCMC14511 Datasheet HTML 4Page - Unisonic Technologies UTCMC14511 Datasheet HTML 5Page - Unisonic Technologies UTCMC14511 Datasheet HTML 6Page - Unisonic Technologies UTCMC14511 Datasheet HTML 7Page - Unisonic Technologies UTCMC14511 Datasheet HTML 8Page - Unisonic Technologies UTCMC14511 Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
UTCMC14511
CMOS IC
UTC UNISONIC TECHNOLOGIES CO., LTD.
6
QW-R502-021,B
SWITCHING CHARACTERISTICS (Note 7) (CL=50pF, Ta=25℃)
PARAMETER
SYMBOL
VDD
Vdc
TEST CONDITIONS
Min
TYP
MAX
UNIT
Output Rise Time
tTLH
5.0
10
15
tTLH=(0.40 ns/pF) CL+20 ns
tTLH=(0.25 ns/pF) CL+17.5 ns
tTLH=(0.20 ns/pF) CL+15 ns
40
30
25
80
60
50
ns
Output Fall Time
tTHL
5.0
10
15
tTHL=(1.5 ns/pF) CL+50 ns
tTHL=(0.75 ns/pF) CL+37.5 ns
tTHL=(0.55 ns/pF) CL+37.5 ns
125
75
65
250
150
130
ns
tPLH
5.0
10
15
tPLH=(0.40 ns/pF) CL+620 ns
tPLH=(0.25 ns/pF) CL+237.5 ns
tPLH=(0.20 ns/pF) CL+165 ns
640
250
175
1280
500
350
Data Propagation Delay
Time
tPHL
5.0
10
15
tPHL=(1.3 ns/pF) CL+655 ns
tPHL=(0.60 ns/pF) CL+260 ns
tPHL=(0.35 ns/pF) CL+182.5 ns
720
290
200
1440
580
400
ns
tPLH
5.0
10
15
tPLH=(0.30 ns/pF) CL+585 ns
tPLH=(0.25 ns/pF) CL+187.5 ns
tPLH=(0.15 ns/pF) CL+142.5 ns
600
200
150
750
300
220
Blank Propagation Delay
Time
tPHL
5.0
10
15
tPHL=(0.85 ns/pF) CL+442.5 ns
tPHL=(0.45 ns/pF) CL+177.5 ns
tPHL=(0.35 ns/pF) CL+142.5 ns
485
200
160
970
400
320
ns
tPLH
5.0
10
15
tPLH=(0.45 ns/pF) CL+290.5 ns
tPLH=(0.25 ns/pF) CL+112.5 ns
tPLH=(0.20 ns/pF) CL+80 ns
313
125
90
625
250
180
Lamp Test Propagation
Delay Time
tPHL
5.0
10
15
tPHL=(1.3 ns/pF) CL+248 ns
tPHL=(0.45 ns/pF) CL+102.5 ns
tPHL=(0.35 ns/pF) CL+72.5 ns
313
125
90
625
250
180
ns
Setup Time
tsu
5.0
10
15
100
40
30
ns
Hold Time
th
5.0
10
15
60
40
30
ns
Latch Enable Pulse Width
tWL
5.0
10
15
520
220
130
260
110
65
ns
Note 7: The formulas given are for the typical characteristics only.


Numéro de pièce similaire - UTCMC14511

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
UTCMC3361BP UTC-UTCMC3361BP Datasheet
30Kb / 3P
   LOW VOLTAGE/POWER NARROW BAND FM IF
UTCMC34018 UTC-UTCMC34018 Datasheet
182Kb / 14P
   VOICE SWITCHED SPEAKER-PHONE CIRCUIT
UTCMC34063 UTC-UTCMC34063 Datasheet
264Kb / 6P
   DC TO DC CONVERTER CONTROLLER
UTCMC34063A UTC-UTCMC34063A Datasheet
264Kb / 6P
   DC TO DC CONVERTER CONTROLLER
UTCMC34072 UTC-UTCMC34072 Datasheet
86Kb / 3P
   HIGH SLEW RATE, WIDE BANDWIDTH, SINGLE SUPPLY OPERATIONAL AMPLIFIERS
More results

Description similaire - UTCMC14511

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
SCL4511B ETC1-SCL4511B Datasheet
453Kb / 2P
   CMOS BCD-TO-SEVEN SEGMENT LATCH/DECODER/DRIVER
logo
Hitachi Semiconductor
HD14511B HITACHI-HD14511B Datasheet
98Kb / 6P
   BCD-to-Seven Segment Latch/Decoder/Driver
logo
Renesas Technology Corp
HD74HC4543P RENESAS-HD74HC4543P Datasheet
118Kb / 9P
   BCD-to-Seven Segment Latch/Decoder/Driver
logo
Unisonic Technologies
MC14511 UTC-MC14511_18 Datasheet
236Kb / 8P
   BCD-TO-SEVEN SEGMENT LATCH/DECODER/DRIVER
logo
STMicroelectronics
HCF4511B STMICROELECTRONICS-HCF4511B Datasheet
498Kb / 13P
   BCD TO SEVEN SEGMENT LATCH/DECODER/DRIVER
logo
Hitachi Semiconductor
HD74HC4543 HITACHI-HD74HC4543 Datasheet
68Kb / 10P
   BCD-to-Seven Segment Latch/Decoder/Driver
logo
Renesas Technology Corp
HD74HC4511 RENESAS-HD74HC4511 Datasheet
107Kb / 8P
   BCD-to-Seven Segment Latch/Decoder/Driver
logo
Toshiba Semiconductor
TC4511BP TOSHIBA-TC4511BP_07 Datasheet
401Kb / 10P
   BCD-to-Seven Segment Latch/Decoder/Driver
logo
Unisonic Technologies
MC14511 UTC-MC14511 Datasheet
145Kb / 9P
   BCD-TO-SEVEN SEGMENT LATCH/DECODER/DRIVER
logo
List of Unclassifed Man...
SCL4543B ETC1-SCL4543B Datasheet
624Kb / 3P
   BCD - TO SEVEN SEGMENT LATCH/DECODER DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com