Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

74LVXZ161284MTD Datasheet(Fiches technique) 4 Page - Fairchild Semiconductor

Numéro de pièce 74LVXZ161284MTD
Description  Low Voltage IEEE 161284 Translating Transceiver with Power-Up Protection
Télécharger  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVXZ161284MTD Datasheet(HTML) 4 Page - Fairchild Semiconductor

  74LVXZ161284MTD Datenblatt HTML 1Page - Fairchild Semiconductor 74LVXZ161284MTD Datenblatt HTML 2Page - Fairchild Semiconductor 74LVXZ161284MTD Datenblatt HTML 3Page - Fairchild Semiconductor 74LVXZ161284MTD Datasheet HTML 4Page - Fairchild Semiconductor 74LVXZ161284MTD Datenblatt HTML 5Page - Fairchild Semiconductor 74LVXZ161284MTD Datenblatt HTML 6Page - Fairchild Semiconductor 74LVXZ161284MTD Datenblatt HTML 7Page - Fairchild Semiconductor 74LVXZ161284MTD Datenblatt HTML 8Page - Fairchild Semiconductor 74LVXZ161284MTD Datenblatt HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
www.fairchildsemi.com
4
Absolute Maximum Ratings(Note 3)
Recommended Operating
Conditions
Note 3: Absolute maximum ratings are values beyond which the device
may be damaged or have its useful life impaired. Fairchild does not recom-
mend operation outside the databook specifications.
Note 4: Either voltage limit or current limit is sufficient to protect inputs.
DC Electrical Characteristics
Supply Voltage
VCC
−0.5V to +4.6V
VCC—Cable
−0.5V to +7.0V
VCC—Cable Must Be ≥ VCC
Input Voltage (VI)—(Note 4)
A1–A13, PLHIN, DIR, HD
−0.5V to VCC + 0.5V
B1–B8, C14–C17, HLHIN
−0.5V to +5.5V (DC)
B1–B8, C14–C17, HLHIN
−2.0V to +7.0V*
*40 ns Transient
Output Voltage (VO)
A1–A8, A14–A17, HLH
−0.5V to VCC +0.5V
B1–B8, Y9–Y13, PLH
−0.5V to +5.5V (DC)
B1–B8, Y9–Y13, PLH
−2.0V to +7.0V*
*40 ns Transient
DC Output Current (IO)
A1–A8, HLH
±25 mA
B1–B8, Y9–Y13
±50 mA
PLH (Output LOW)
84 mA
PLH (Output HIGH)
−50 mA
Input Diode Current (IIK)—(Note 4)
DIR, HD, A9–A13, PLH, HLH, C14–C17
−20 mA
Output Diode Current (IOK)
A1–A8, A14–A17, HLH
±50 mA
B1–B8, Y9–Y13, PLH
−50 mA
DC Continuous VCC or Ground
Current
±200 mA
Storage Temperature
−65°C to +150°C
ESD
Human Body Model
4000V
Machine Model
200V
Charged Device Model
2000V
Supply Voltage
VCC
3.0V to 3.6V
VCC—Cable
3.0V to 5.5V
DC Input Voltage (VI)
0V to VCC
Open Drain Voltage (VO)0V to 5.5V
Operating Temperature (TA)
−40°C to +85°C
Symbol
Parameter
VCC
(V)
VCC—Cable
(V)
TA = 0°CTA = −40°C
Units
Conditions
to
+70°Cto +85°C
Guaranteed Limits
VIK
Input Clamp
3.0
3.0
−1.2
−1.2
V
Ii = −18 mA
Diode Voltage
VIH
Minimum
An, Bn, PLHIN, DIR, HD
3.0–3.6
3.0–5.5
2.0
2.0
V
HIGH Level
Cn
3.0–3.6
3.0–5.5
2.3
2.3
Input Voltage
HLHIN
3.0–3.6
3.0–5.5
2.6
2.6
VIL
Maximum
An, Bn, PLHIN, DIR, HD
3.0–3.6
3.0–5.5
0.8
0.8
V
LOW Level
Cn
3.0–3.6
3.0–5.5
0.8
0.8
Input Voltage
HLHIN
3.0–3.6
3.0–5.5
1.6
1.6
∆VT
Minimum Input
An, Bn, PLHIN, DIR, HD
3.3
5.0
0.4
0.4
V
VT+ – VT−
Hysteresis
Cn
3.3
5.0
0.8
0.8
VT+ – VT−
HLHIN
3.3
5.0
0.2
0.2
VT+ – VT−
VOH
Minimum HIGH
An, HLH
3.0
3.0
2.8
2.8
V
IOH = −50 µA
Level Output
3.0
3.0
2.4
2.4
IOH = −4 mA
Voltage
Bn, Yn
3.0
3.0
2.0
2.0
IOH = −14 mA
Bn, Yn
3.0
4.5
2.23
2.23
IOH = −14 mA
PLH
3.15
3.15
3.1
3.1
IOH = −500 µA


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn