Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

74LVXZ161284MEX Datasheet(Fiches technique) 1 Page - Fairchild Semiconductor

Numéro de pièce 74LVXZ161284MEX
Description  Low Voltage IEEE 161284 Translating Transceiver with Power-Up Protection
Télécharger  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVXZ161284MEX Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74LVXZ161284MEX Datasheet HTML 1Page - Fairchild Semiconductor 74LVXZ161284MEX Datenblatt HTML 2Page - Fairchild Semiconductor 74LVXZ161284MEX Datenblatt HTML 3Page - Fairchild Semiconductor 74LVXZ161284MEX Datenblatt HTML 4Page - Fairchild Semiconductor 74LVXZ161284MEX Datenblatt HTML 5Page - Fairchild Semiconductor 74LVXZ161284MEX Datenblatt HTML 6Page - Fairchild Semiconductor 74LVXZ161284MEX Datenblatt HTML 7Page - Fairchild Semiconductor 74LVXZ161284MEX Datenblatt HTML 8Page - Fairchild Semiconductor 74LVXZ161284MEX Datenblatt HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
© 2002 Fairchild Semiconductor Corporation
DS500729
www.fairchildsemi.com
May 2002
Revised May 2002
74LVXZ161284
Low Voltage IEEE 161284 Translating Transceiver
with Power-Up Protection
General Description
The LVXZ161284 contains eight bidirectional data buffers
and eleven control/status buffers to implement a full
IEEE 1284 compliant interface. The device supports the
IEEE 1284 standard and is intended to be used in an
Extended Capabilities Port mode (ECP). The pinout allows
for easy connection from the Peripheral (A-side) to the
Host (cable side).
Outputs on the cable side can be configured to be either
open drain or high drive (
± 14 mA) and are connected to a
separate power supply pin (VCC-Cable) that allows these
outputs to be driven by a higher supply voltage than
the A-side. The pull-up and pull-down series termination
resistance of these outputs on the cable side is optimized
to drive an external cable. In addition, the C inputs and the
B and Y outputs on the cable side contain internal pull-up
resistors connected to the VCC-Cable supply to provide
proper input termination and pull-ups for open drain output
mode.
Outputs on the Peripheral side are standard low-drive
CMOS outputs designed to interface with 3V logic. The DIR
input controls data flow on the A1–A8/B1–B8 transceiver
pins.
This device also has an added power-up protection feature
which forces the Y outputs (Y9 - Y13) to a high state after
power-on until one of the associated inputs (A9 - A13) goes
HIGH. When an associated input (A9 - A13) goes HIGH, all
Y outputs (Y9 - Y13) are activated.
Features
I Supports IEEE 1284 Level 1 and Level 2 signaling
standards for bidirectional parallel communications
between personal computers and printing peripherals
I Translation capability allows outputs on the cable side to
interface with 5V signals
I All inputs have hysteresis to provide noise margin
I B and Y output resistance optimized to drive external
cable
I B and Y outputs in high impedance mode during power
down
I C inputs and B, Y outputs on cable side have internal 1.4
k
Ω pull-up resistors
I Flow-through pin configuration allows easy interface
between the “Peripheral and Host”
I Replaces the function of two (2) 74ACT1284 devices
I Power-up protection prevents errors when the printer is
powered on but no valid signal is at the input pins
(A9 - A13).
Ordering Code
Order Number
Package
Number
Package Description
74LVXZ161284MEA
MS48A
48-Lead Small Shrink Outline Package (SSOP), JEDEC MO-118, 0.300" Wide
[RAIL]
74LVXZ161284MEX
MS48A
48-Lead Small Shrink Outline Package (SSOP), JEDEC MO-118, 0.300" Wide
[TAPE and REEL]
74LVXZ161284MTD
MTD48
48-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide
[RAIL]
74LVXZ161284MTX
MTD48
48-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide
[TAPE and REEL]


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn