Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

74LVXZ161284 Datasheet(Fiches technique) 7 Page - Fairchild Semiconductor

Numéro de pièce 74LVXZ161284
Description  Low Voltage IEEE 161284 Translating Transceiver with Power-Up Protection
Télécharger  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVXZ161284 Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button 74LVXZ161284 Datenblatt HTML 3Page - Fairchild Semiconductor 74LVXZ161284 Datenblatt HTML 4Page - Fairchild Semiconductor 74LVXZ161284 Datenblatt HTML 5Page - Fairchild Semiconductor 74LVXZ161284 Datenblatt HTML 6Page - Fairchild Semiconductor 74LVXZ161284 Datasheet HTML 7Page - Fairchild Semiconductor 74LVXZ161284 Datenblatt HTML 8Page - Fairchild Semiconductor 74LVXZ161284 Datenblatt HTML 9Page - Fairchild Semiconductor 74LVXZ161284 Datenblatt HTML 10Page - Fairchild Semiconductor 74LVXZ161284 Datenblatt HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
www.fairchildsemi.com
AC Loading and Waveforms
Pulse Generator for all pulses: Rate
≤1.0 MHz; ZO ≤ 50Ω; tf ≤ 2.5 ns, tr ≤ 2.5 ns.
FIGURE 2. Port A to B and A to Y Propagation Delay Waveforms
FIGURE 3. Port A to B and A to Y Output Waveforms
FIGURE 4. Port B to A, C to A and HLHin to HLH Propagation Delay Waveforms


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn