Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

74LVXZ161284 Fiches technique(PDF) 5 Page - Fairchild Semiconductor

No de pièce 74LVXZ161284
Description  Low Voltage IEEE 161284 Translating Transceiver with Power-Up Protection
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVXZ161284 Fiches technique(HTML) 5 Page - Fairchild Semiconductor

  74LVXZ161284 Datasheet HTML 1Page - Fairchild Semiconductor 74LVXZ161284 Datasheet HTML 2Page - Fairchild Semiconductor 74LVXZ161284 Datasheet HTML 3Page - Fairchild Semiconductor 74LVXZ161284 Datasheet HTML 4Page - Fairchild Semiconductor 74LVXZ161284 Datasheet HTML 5Page - Fairchild Semiconductor 74LVXZ161284 Datasheet HTML 6Page - Fairchild Semiconductor 74LVXZ161284 Datasheet HTML 7Page - Fairchild Semiconductor 74LVXZ161284 Datasheet HTML 8Page - Fairchild Semiconductor 74LVXZ161284 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
www.fairchildsemi.com
DC Electrical Characteristics (Continued)
Note 5: Output impedance is measured with the output active LOW and active HIGH (HD
= HIGH).
Note 6: Power-down leakage to VCC or VCC—Cable is tested by simultaneously forcing all pins on the cable-side (B1–B8, Y9–Y13, PLH, C14–C17 and HLHIN)
to 5.5V and measuring the resulting ICC or ICC—Cable.
Note 7: This parameter is guaranteed but not tested, characterized only.
Note 8: Connect all VCC pins and VCC-Cable pins when forcing voltage applied, DIR = HD = 0V.
Symbol
Parameter
VCC
(V)
VCC—Cable
(V)
TA = 0°CTA = −40°C
Units
Conditions
to
+70°Cto +85°C
Guaranteed Limits
VOL
Maximum LOW
An, HLH
3.0
3.0
0.2
0.2
V
IOL = 50 µA
Level Output
3.0
3.0
0.4
0.4
IOL = 4 mA
Voltage
Bn, Yn
3.0
3.0
0.8
0.8
IOL = 14 mA
Bn, Yn
3.0
4.5
0.77
0.77
IOL = 14 mA
PLH
3.0
3.0
0.85
0.95
IOL = 84 mA
PLH
3.0
4.5
0.8
0.9
IOL = 84 mA
RD
Maximum Output
B1 - B8, Y9 -Y13
3.3
3.3
60
60
(Note 5)(Note 7)
Impedance
3.3
5.0
55
55
Minimum Output
B1 - B8, Y9 - Y13
3.3
3.3
30
30
(Note 5)(Note 7)
Impedance
3.3
5.0
35
35
RP
Maximum Pull-Up
B1 - B8, Y9 - Y13,
3.3
3.3
1650
1650
Resistance
C14 - C17
3.3
5.0
1650
1650
Minimum Pull-Up
B1 -B8, Y9 - Y13
3.3
3.3
1150
1150
Resistance
C14 - C17
3.3
5.0
1150
1150
IIH
Maximum Input
A9 - A13, PLHIN,
3.6
3.6
1.0
1.0
µA
VI = 3.6V
Current in
HD, DIR, HLHIN
HIGH State
C14 - C17
3.6
3.6
50.0
50.0
VI = 3.6V
C14 -C17
3.6
5.5
100
100
VI = 5.5V
IIL
Maximum Input
A9 - A13, PLHIN,
3.6
3.6
−1.0
−1.0
µAVI = 0.0V
Current in
HD, DIR, HLHIN
LOW State
C14 - C17
3.6
3.6
−3.5
−3.5
mA
VI = 0.0V
C14 - C17
3.6
5.5
−5.0
−5.0
IOZH
Maximum Output
A1 - A8
3.6
3.6
20
20
µA
VO = 3.6V
Disable Current
B1 - B8
3.6
3.6
50
50
VO = 3.6V
(HIGH)
B1 - B8
3.6
5.5
100
100
VO = 5.5V
IOZL
Maximum
A1 - A8
3.6
3.6
−20
−20
µA
VO = 0.0V
Output Disable
B1 - B8
3.6
3.6
−3.5
−3.5
mA
Current (LOW)
B1 - B8
3.6
5.5
−5.0
−5.0
IOZPU
Maximum Power-Up
Y9 - Y13
0 to 1.5
0 to 1.5
350
350
µAVO = 5.5V
Disable Current
B1 - B8
(Note 8)
(Note 8)
−5
−5mA VO = 0.0V
IOZPD
Maximum Power-Down Y9 - Y13
0 to 1.5
0 to 1.5
350
350
µAVO = 5.5V
Disable Current
B1 - B8
(Note 8)
(Note 8)
−5
−5mA VO = 0.0V
IOFF
Power Down
B1 - B8, Y9 - Y13,
0.0
0.0
100
100
µAVO = 5.5V
Output Leakage
PLH
IOFF
Power Down
C14–C17, HLHIN
0.0
0.0
100
100
µAVI = 5.5V
Input Leakage
IOFF—ICC
Power Down
0.0
0.0
250
250
µA
(Note 6)
Leakage to VCC
IOFF—ICC2 Power Down Leakage
0.0
0.0
250
250
µA
(Note 6)
to VCC—Cable
ICC
Maximum Supply
3.6
3.6
45
45
mA
VI = VCC or GND
Current
3.6
5.5
70
70
mA
VI = VCC or GND


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn