Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

74LVXZ161284 Fiches technique(PDF) 4 Page - Fairchild Semiconductor

No de pièce 74LVXZ161284
Description  Low Voltage IEEE 161284 Translating Transceiver with Power-Up Protection
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVXZ161284 Fiches technique(HTML) 4 Page - Fairchild Semiconductor

  74LVXZ161284 Datasheet HTML 1Page - Fairchild Semiconductor 74LVXZ161284 Datasheet HTML 2Page - Fairchild Semiconductor 74LVXZ161284 Datasheet HTML 3Page - Fairchild Semiconductor 74LVXZ161284 Datasheet HTML 4Page - Fairchild Semiconductor 74LVXZ161284 Datasheet HTML 5Page - Fairchild Semiconductor 74LVXZ161284 Datasheet HTML 6Page - Fairchild Semiconductor 74LVXZ161284 Datasheet HTML 7Page - Fairchild Semiconductor 74LVXZ161284 Datasheet HTML 8Page - Fairchild Semiconductor 74LVXZ161284 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
www.fairchildsemi.com
4
Absolute Maximum Ratings(Note 3)
Recommended Operating
Conditions
Note 3: Absolute maximum ratings are values beyond which the device
may be damaged or have its useful life impaired. Fairchild does not recom-
mend operation outside the databook specifications.
Note 4: Either voltage limit or current limit is sufficient to protect inputs.
DC Electrical Characteristics
Supply Voltage
VCC
−0.5V to +4.6V
VCC—Cable
−0.5V to +7.0V
VCC—Cable Must Be ≥ VCC
Input Voltage (VI)—(Note 4)
A1–A13, PLHIN, DIR, HD
−0.5V to VCC + 0.5V
B1–B8, C14–C17, HLHIN
−0.5V to +5.5V (DC)
B1–B8, C14–C17, HLHIN
−2.0V to +7.0V*
*40 ns Transient
Output Voltage (VO)
A1–A8, A14–A17, HLH
−0.5V to VCC +0.5V
B1–B8, Y9–Y13, PLH
−0.5V to +5.5V (DC)
B1–B8, Y9–Y13, PLH
−2.0V to +7.0V*
*40 ns Transient
DC Output Current (IO)
A1–A8, HLH
±25 mA
B1–B8, Y9–Y13
±50 mA
PLH (Output LOW)
84 mA
PLH (Output HIGH)
−50 mA
Input Diode Current (IIK)—(Note 4)
DIR, HD, A9–A13, PLH, HLH, C14–C17
−20 mA
Output Diode Current (IOK)
A1–A8, A14–A17, HLH
±50 mA
B1–B8, Y9–Y13, PLH
−50 mA
DC Continuous VCC or Ground
Current
±200 mA
Storage Temperature
−65°C to +150°C
ESD
Human Body Model
4000V
Machine Model
200V
Charged Device Model
2000V
Supply Voltage
VCC
3.0V to 3.6V
VCC—Cable
3.0V to 5.5V
DC Input Voltage (VI)
0V to VCC
Open Drain Voltage (VO)0V to 5.5V
Operating Temperature (TA)
−40°C to +85°C
Symbol
Parameter
VCC
(V)
VCC—Cable
(V)
TA = 0°CTA = −40°C
Units
Conditions
to
+70°Cto +85°C
Guaranteed Limits
VIK
Input Clamp
3.0
3.0
−1.2
−1.2
V
Ii = −18 mA
Diode Voltage
VIH
Minimum
An, Bn, PLHIN, DIR, HD
3.0–3.6
3.0–5.5
2.0
2.0
V
HIGH Level
Cn
3.0–3.6
3.0–5.5
2.3
2.3
Input Voltage
HLHIN
3.0–3.6
3.0–5.5
2.6
2.6
VIL
Maximum
An, Bn, PLHIN, DIR, HD
3.0–3.6
3.0–5.5
0.8
0.8
V
LOW Level
Cn
3.0–3.6
3.0–5.5
0.8
0.8
Input Voltage
HLHIN
3.0–3.6
3.0–5.5
1.6
1.6
∆VT
Minimum Input
An, Bn, PLHIN, DIR, HD
3.3
5.0
0.4
0.4
V
VT+ – VT−
Hysteresis
Cn
3.3
5.0
0.8
0.8
VT+ – VT−
HLHIN
3.3
5.0
0.2
0.2
VT+ – VT−
VOH
Minimum HIGH
An, HLH
3.0
3.0
2.8
2.8
V
IOH = −50 µA
Level Output
3.0
3.0
2.4
2.4
IOH = −4 mA
Voltage
Bn, Yn
3.0
3.0
2.0
2.0
IOH = −14 mA
Bn, Yn
3.0
4.5
2.23
2.23
IOH = −14 mA
PLH
3.15
3.15
3.1
3.1
IOH = −500 µA


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn