Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

G5121 Fiches technique(PDF) 8 Page - Global Mixed-mode Technology Inc

No de pièce G5121
Description  Fixed Frequency White LED Step-Up Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GMT [Global Mixed-mode Technology Inc]
Site Internet  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G5121 Fiches technique(HTML) 8 Page - Global Mixed-mode Technology Inc

  G5121 Datasheet HTML 1Page - Global Mixed-mode Technology Inc G5121 Datasheet HTML 2Page - Global Mixed-mode Technology Inc G5121 Datasheet HTML 3Page - Global Mixed-mode Technology Inc G5121 Datasheet HTML 4Page - Global Mixed-mode Technology Inc G5121 Datasheet HTML 5Page - Global Mixed-mode Technology Inc G5121 Datasheet HTML 6Page - Global Mixed-mode Technology Inc G5121 Datasheet HTML 7Page - Global Mixed-mode Technology Inc G5121 Datasheet HTML 8Page - Global Mixed-mode Technology Inc G5121 Datasheet HTML 9Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Ver: 1.1
Nov 17, 2005
TEL: 886-3-5788833
http://www.gmt.com.tw
8
G5121
Global Mixed-mode Technology Inc.
Pin Description
PIN
NAME
FUNCTION
1
SW
Switch Pin. The drain of the internal NMOS power switch. Connect this pin to inductor.
2
GND
Ground Pin.
3
FB
Feedback Pin. Connect current setting resistor Rs from this pin to ground. The LED current is set as
0.254V/ Rs.
4
SHDN
Active Low Shutdown Pin.
5
OVP
Over Voltage Protection Sense Pin.
6
VCC
Input Supply Pin. Bypass this pin with a capacitor as close to the device as possible.
Function Description
Normal Operation
The G5121 uses a constant frequency control scheme
to provide excellent line and load regulation. Operation
can be best understood by referring to the block dia-
gram. At the start of each oscillator cycle, the SR latch
is set, which turns on the power switch M1. An artificial
ramp is generated to the positive terminal of the PWM
comparator A2. When this voltage exceeds the level at
the negative input of A2, the SR latch is reset turning
off the power switch. The level at the negative input of
A2 is set by the error amplifier A1, and is simply an
amplified version of the difference between the feed-
back voltage and the reference voltage of 0.254V. In
this manner, the error amplifier sets the correct peak
current level to keep the output in regulation. If the
error amplifier’s output increases, more current is de-
livered to the output, if it decreases, less current is
delivered.
Over Voltage Protection
Over voltage protection function is designed to prevent
the damage of internal NMOS switch in case the in-
creased impedance of the LED load (include the LED
opened). Once the device detects over voltage (typical
19.5V) at the output, the internal NMOS switch is kept
off until the output voltage drops below 15V.
Application Information
Inductor Selection
A 4.7µF inductor is recommended for G5121 applica-
tions. Small size and high efficiency are the major
concerns for most G5121 applications. Inductor with
low core losses and small DCR (cooper wire resis-
tance) at 1MHz are good choice for G5121 applica-
tions.
Since the G5121 is designed to operate in discontinu-
ous mode, the inductor current reaches zero during
discharge phase. After the inductor current reaches
zero, the switch pin exhibits ringing due to the LC tank
circuit formed by the inductor in combination with
switch and diode capacitance. This ringing is not
harmful; far less spectral energy is contained in the
ringing than in the switch transitions. The ringing can
be damped by application of a 300
Ω resistor across
the inductor, although this will degrade efficiency.
Capacitor Selection
The small size of ceramic capacitors makes them suit-
able for G5121 applications. X5R and X7R types are
recommended because they retain their capacitance
over wider voltage and temperature ranges than other
types such as Y5V or Z5U. A minimum 1µF capacitor
for output is required for most applications. Larger in-
put/output capacitor minimizes input/output ripple.
Diode Selection
Schottky diodes, with their low forward voltage drop
and fast reverse recovery, are the ideal choices for
G5121 applications. The forward voltage drop of a
Schottky diode represents the conduction losses in the
diode, while the diode capacitance (CT or CD) repre-
sents the switching losses. For diode selection, both
forward voltage drop and diode capacitance need to
be considered. Schottky diodes with higher current
ratings usually have lower forward voltage drop and
larger diode capacitance, which can cause significant
switching losses at the 1MHz switching frequency of
the G5121. A Schottky diode rated at 500mA is suffi-
cient for most G5121 applications.


Numéro de pièce similaire - G5121

FabricantNo de pièceFiches techniqueDescription
logo
Global Mixed-mode Techn...
G5121 GMT-G5121 Datasheet
551Kb / 10P
   Fixed Frequency White LED Step-Up Converter
G5121TB1U GMT-G5121TB1U Datasheet
551Kb / 10P
   Fixed Frequency White LED Step-Up Converter
G5121TP1U GMT-G5121TP1U Datasheet
551Kb / 10P
   Fixed Frequency White LED Step-Up Converter
G5121 GMT-G5121_06 Datasheet
551Kb / 10P
   Fixed Frequency White LED Step-Up Converter
More results

Description similaire - G5121

FabricantNo de pièceFiches techniqueDescription
logo
Global Mixed-mode Techn...
G5121 GMT-G5121_06 Datasheet
551Kb / 10P
   Fixed Frequency White LED Step-Up Converter
logo
IXYS Corporation
MX841 IXYS-MX841 Datasheet
202Kb / 6P
   White LED Step-Up Converter
logo
Anachip Corp
AP1521 ANACHIP-AP1521 Datasheet
200Kb / 8P
   White LED Step-Up Converter
logo
Unisonic Technologies
L1937 UTC-L1937 Datasheet
60Kb / 7P
   WHITE LED STEP-UP CONVERTER
logo
BCD Semiconductor Manuf...
AP3019A BCDSEMI-AP3019A Datasheet
619Kb / 15P
   WHITE LED STEP-UP CONVERTER
logo
Unisonic Technologies
L5100 UTC-L5100_10 Datasheet
294Kb / 7P
   WHITE LED STEP-UP CONVERTER
logo
BCD Semiconductor Manuf...
AP3036 BCDSEMI-AP3036 Datasheet
484Kb / 14P
   WHITE LED STEP-UP CONVERTER
logo
Diodes Incorporated
AP3036B DIODES-AP3036B Datasheet
517Kb / 11P
   WHITE LED STEP-UP CONVERTER
logo
Unisonic Technologies
L5100 UTC-L5100 Datasheet
121Kb / 7P
   WHITE LED STEP-UP CONVERTER
logo
Gamma Microelectronics ...
GM1937 GAMMA-GM1937 Datasheet
133Kb / 9P
   WHITE LED STEP-UP CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com