Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

G5121 Fiches technique(PDF) 6 Page - Global Mixed-mode Technology Inc

No de pièce G5121
Description  Fixed Frequency White LED Step-Up Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GMT [Global Mixed-mode Technology Inc]
Site Internet  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G5121 Fiches technique(HTML) 6 Page - Global Mixed-mode Technology Inc

  G5121 Datasheet HTML 1Page - Global Mixed-mode Technology Inc G5121 Datasheet HTML 2Page - Global Mixed-mode Technology Inc G5121 Datasheet HTML 3Page - Global Mixed-mode Technology Inc G5121 Datasheet HTML 4Page - Global Mixed-mode Technology Inc G5121 Datasheet HTML 5Page - Global Mixed-mode Technology Inc G5121 Datasheet HTML 6Page - Global Mixed-mode Technology Inc G5121 Datasheet HTML 7Page - Global Mixed-mode Technology Inc G5121 Datasheet HTML 8Page - Global Mixed-mode Technology Inc G5121 Datasheet HTML 9Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Ver: 1.1
Nov 17, 2005
TEL: 886-3-5788833
http://www.gmt.com.tw
6
G5121
Global Mixed-mode Technology Inc.
Typical Performance Characteristics (continued)
17
17.5
18
18.5
19
19.5
20
20.5
21
2
2.5
3
3.5
4
4.5
5
5.5
6
Input Voltage (V)
17
17.5
18
18.5
19
19.5
20
20.5
21
-40
-20
0
204060
80
100
Temperature (°C)
13
13.5
14
14.5
15
15.5
16
16.5
17
2
2.5
3
3.5
4
4.5
5
5.5
6
Input Voltage (V)
13
13.5
14
14.5
15
15.5
16
16.5
17
-40
-20
0
20
406080
100
Temperature (°C)
0
10
20
30
40
50
60
22.5
33.5
4
4.555.5
6
Input Voltage (V)
0
10
20
30
40
50
60
-40
-20
0
20
406080
100
Temperature (°C)
OVP Trigger Threshold vs. Input Voltage
OVP Trigger Threshold vs. Temperature
OVP Release Threshold vs. Input Voltage
OVP Release Threshold vs. Temperature
OVP Pin Input Current vs. Input Voltage
OVP Pin Input Current vs. Temperature


Html Pages

1  2  3  4  5  6  7  8  9 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
A8430 White LED Driver Constant Current Step-up Converter 1  2  3  4  5  More Allegro MicroSystems
APW7071 White LED DC/DC Step-Up Converter 1  2  3  4  5  More Anpec Electronics Coropration
LM3557 Step-Up Converter for White LED Applications 1  2  3  4  5  More National Semiconductor (TI)
MAX1582 High-Efficiency 26V Step-Up Converter for White LED Main and Subdisplay Backlighting 1  2  3  4  5  More Maxim Integrated Products
AP1521 White LED Step-Up Converter 1  2  3  4  5  More Anachip Corp
LT3466 Dual Full Function White LED Step-Up Converter with Built-In Schottky Diodes 1  2  3  4  5  More Linear Technology
LM3557 Step-Up Converter for White LED Applications 1  2  3  4  5  More National Semiconductor (TI)
A8431 White LED Driver Constant Current Step-up Converter 1  2  3  4  5  More Allegro MicroSystems
AIC1648 Built-in OVP White LED Step-Up Converter 1  2  3  4  5  More Analog Intergrations Corporation
LM3501 Synchronous Step-up DC/DC Converter for White LED Applications 1  2  3  4  5  More National Semiconductor (TI)

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn