Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

G5121 Fiches technique(PDF) 5 Page - Global Mixed-mode Technology Inc

No de pièce G5121
Description  Fixed Frequency White LED Step-Up Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GMT [Global Mixed-mode Technology Inc]
Site Internet  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G5121 Fiches technique(HTML) 5 Page - Global Mixed-mode Technology Inc

  G5121 Datasheet HTML 1Page - Global Mixed-mode Technology Inc G5121 Datasheet HTML 2Page - Global Mixed-mode Technology Inc G5121 Datasheet HTML 3Page - Global Mixed-mode Technology Inc G5121 Datasheet HTML 4Page - Global Mixed-mode Technology Inc G5121 Datasheet HTML 5Page - Global Mixed-mode Technology Inc G5121 Datasheet HTML 6Page - Global Mixed-mode Technology Inc G5121 Datasheet HTML 7Page - Global Mixed-mode Technology Inc G5121 Datasheet HTML 8Page - Global Mixed-mode Technology Inc G5121 Datasheet HTML 9Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Ver: 1.1
Nov 17, 2005
TEL: 886-3-5788833
http://www.gmt.com.tw
5
G5121
Global Mixed-mode Technology Inc.
Typical Performance Characteristics (continued)
10
20
30
40
50
60
70
80
90
0
5
10
15
20
25
Load Current (mA)
VIN=3.6V
3LEDs, CO=1µF
VIN=4.2V
VIN=2.7V
10
20
30
40
50
60
70
80
90
0
5
10
15
20
25
Load Current (mA)
VIN=4.2V
VIN=3.6V
VIN=2.7V
2LEDs, CO=1µF
0
10
20
30
40
50
60
70
80
90
100
110
120
130
22.5
33.5
44.5
55.5
6
Input Voltage (V)
0
10
20
30
40
50
60
70
80
90
100
-40
-20
0
20
40
60
80
100
Temperature (°C)
0.7
0.75
0.8
0.85
0.9
0.95
1
2
2.5
3
3.5
4
4.5
5
5.5
6
Input Voltage (V)
0.7
0.75
0.8
0.85
0.9
0.95
1
1.05
1.1
-40
-20
0
20
40
60
80
100
Temperature (°C)
Efficiency vs. Load Current
Efficiency vs. Load Current
IQ_NoSW vs. Input Voltage
IQ_NoSW vs. Temperature
Frequency vs. Input Voltage
Frequency vs. Temperature


Html Pages

1  2  3  4  5  6  7  8  9 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
A8430 White LED Driver Constant Current Step-up Converter 1  2  3  4  5  More Allegro MicroSystems
APW7071 White LED DC/DC Step-Up Converter 1  2  3  4  5  More Anpec Electronics Coropration
LM3557 Step-Up Converter for White LED Applications 1  2  3  4  5  More National Semiconductor (TI)
MAX1582 High-Efficiency 26V Step-Up Converter for White LED Main and Subdisplay Backlighting 1  2  3  4  5  More Maxim Integrated Products
AP1521 White LED Step-Up Converter 1  2  3  4  5  More Anachip Corp
LT3466 Dual Full Function White LED Step-Up Converter with Built-In Schottky Diodes 1  2  3  4  5  More Linear Technology
LM3557 Step-Up Converter for White LED Applications 1  2  3  4  5  More National Semiconductor (TI)
A8431 White LED Driver Constant Current Step-up Converter 1  2  3  4  5  More Allegro MicroSystems
AIC1648 Built-in OVP White LED Step-Up Converter 1  2  3  4  5  More Analog Intergrations Corporation
LM3501 Synchronous Step-up DC/DC Converter for White LED Applications 1  2  3  4  5  More National Semiconductor (TI)

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn