Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

G1421 Fiches technique(PDF) 4 Page - Global Mixed-mode Technology Inc

No de pièce G1421
Description  2W Stereo Audio Amplifier with No Headphone Coupling Capacitor Function
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GMT [Global Mixed-mode Technology Inc]
Site Internet  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G1421 Fiches technique(HTML) 4 Page - Global Mixed-mode Technology Inc

  G1421 Datasheet HTML 1Page - Global Mixed-mode Technology Inc G1421 Datasheet HTML 2Page - Global Mixed-mode Technology Inc G1421 Datasheet HTML 3Page - Global Mixed-mode Technology Inc G1421 Datasheet HTML 4Page - Global Mixed-mode Technology Inc G1421 Datasheet HTML 5Page - Global Mixed-mode Technology Inc G1421 Datasheet HTML 6Page - Global Mixed-mode Technology Inc G1421 Datasheet HTML 7Page - Global Mixed-mode Technology Inc G1421 Datasheet HTML 8Page - Global Mixed-mode Technology Inc G1421 Datasheet HTML 9Page - Global Mixed-mode Technology Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Ver: 1.6
Aug 04, 2005
TEL: 886-3-5788833
http://www.gmt.com.tw
4
G1421
Global Mixed-mode Technology Inc.
Typical Characteristics
Table of Graphs
FIGURE
vs Output Power
1,3,6,9,10,13,16,19,22,25,26,27,33,36,39
THD +N Total Harmonic Distortion Plus Noise
vs Frequency
2,4,5,7,8,11,12,14,15,17,18,20,21,23,24,28,29
30,31,32,34,35,37,38,40,41
Output Noise Voltage
vs Frequency
42,43,44
Supply Ripple Rejection Ratio
vs Frequency
45,46,47
Crosstalk
vs Frequency
48,49,50,51,52
Vn
Closed loop Response
vs Frequency
53,54,55,56
IDD Supply Current
vs Supply Voltage
57
vs Supply Voltage
58,59
PO Output Power
vs Load Resistance
60,61
PD Power Dissipation
vs Output Power
62,63,64,65
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
%
20
20k
50
100
2 00
5 00
1k
2 k
5 k
10 k
Hz
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
%
3m
3
5 m
10 m
20m
5 0m
100m
20 0m
500 m
1
2
W
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
%
3m
3
5 m
10 m
20m
50m
100m
20 0m
500 m
1
2
W
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
%
20
20k
50
100
2 00
5 00
1k
2 k
5 k
10 k
Hz
VDD=5V
RL=3Ω
BTL
20kHz
1kHz
20 Hz
VDD=5V
RL=3Ω
BTL
Av=-2V/V
Po=1.8W
Po=1.5W
VDD=5V
RL=4Ω
BTL
20kHz
1kHz
20 Hz
VDD=5V
RL=4Ω
BTL
Po=1.5W
Av=-1V/V
Av=-4V/V
Av=-2V/V
Figure 1
Figure 2
Figure 3
Figure 4
Total Harmonic Distortion Plus
Noise vs Output Power
Total Harmonic Distortion Plus
Noise vs Output Frequency
Total Harmonic Distortion Plus
Noise vs Output Power
Total Harmonic Distortion Plus
Noise vs Output Frequency


Numéro de pièce similaire - G1421

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
G1421 ETC2-G1421 Datasheet
81Kb / 2P
   For Panels .250 (6,4 mm) to .375 (9,5 mm) Thick
logo
Heyco.
G1421 HEYCO-G1421 Datasheet
92Kb / 1P
   Thick Panel Rubber Grommets
More results

Description similaire - G1421

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM4867 NSC-LM4867 Datasheet
763Kb / 26P
   Output-Transient-Free Dual 2.1W Audio Amplifier Plus No Coupling Capacitor Stereo Headphone Function
LM4868 NSC-LM4868 Datasheet
792Kb / 28P
   Output-Transient-Free Dual 2.1W Audio Amplifier Plus No Coupling Capacitor Stereo Headphone Function
LM4913 NSC-LM4913 Datasheet
767Kb / 15P
   2W Monaural, 90mW Stereo Headphone Audio Amplifier
LM4867 NSC-LM4867_02 Datasheet
844Kb / 28P
   Output-Transient-Free Dual 2.1W Audop Amplifier Plus No Coupling Capacitor Stereo Headphone Function
logo
Rohm
BH7881EFV ROHM-BH7881EFV_10 Datasheet
410Kb / 10P
   2W 2W Stereo Speaker / Headphone Amplifier
BH7881EFV ROHM-BH7881EFV_05 Datasheet
592Kb / 9P
   2W 2W Stereo Speaker / Headphone Amplifier
logo
Jiaxing Heroic Technolo...
HT97220 HEROIC-HT97220 Datasheet
946Kb / 6P
   125mW Stereo Line Driver/Headphone Amplifier with Output Coupling Capacitor
logo
National Semiconductor ...
LM4863 NSC-LM4863_06 Datasheet
1Mb / 21P
   Dual 2.2W Audio Amplifier Plus Stereo Headphone Function
logo
Unisonic Technologies
PA4867 UTC-PA4867 Datasheet
288Kb / 7P
   DUAL 2.1W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
PA4863 UTC-PA4863_15 Datasheet
475Kb / 12P
   DUAL 2.2W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com