Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

G1085T53D Fiches technique(PDF) 2 Page - Global Mixed-mode Technology Inc

No de pièce G1085T53D
Description  3A Adjustable Low-Dropout Linear Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GMT [Global Mixed-mode Technology Inc]
Site Internet  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G1085T53D Fiches technique(HTML) 2 Page - Global Mixed-mode Technology Inc

  G1085T53D Datasheet HTML 1Page - Global Mixed-mode Technology Inc G1085T53D Datasheet HTML 2Page - Global Mixed-mode Technology Inc G1085T53D Datasheet HTML 3Page - Global Mixed-mode Technology Inc G1085T53D Datasheet HTML 4Page - Global Mixed-mode Technology Inc G1085T53D Datasheet HTML 5Page - Global Mixed-mode Technology Inc G1085T53D Datasheet HTML 6Page - Global Mixed-mode Technology Inc G1085T53D Datasheet HTML 7Page - Global Mixed-mode Technology Inc G1085T53D Datasheet HTML 8Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Ver: 1.2
Sep 20, 2004
TEL: 886-3-5788833
http://www.gmt.com.tw
2
G1085
Global Mixed-mode Technology Inc.
Absolute Maximum Ratings
(Note 1)
Input Voltage…………………………….………………7V
Power Dissipation Internally Limited
(Note 2)
Maximum Junction Temperature…...……………….150°C
Storage Temperature Range…..…-65°C
≤ TJ
≤+150°C
Reflow Temperature (soldering, 10sec)…………260°C
Thermal Resistance Junction to Ambient
TO-252(1)………………………………….………125°C/W
TO-263(1)………………………………….………100°C/W
Thermal Resistance Junction to Case
TO-252………….………………..………..….……10°C/W
TO-263…..………………………...……..…………6°C/W
ESD Rating (Human Body Model)……......................2kV
Note (1): See Recommended Minimum Footprint
Operating Conditions
(Note 1)
(VIN-VADJ) Voltage………..…………...………..2.5V~5.5V
Temperature Range……………..….….-40°C
≤ TA ≤85°C
Electrical Characteristics
Operating Conditions: VIN ≤ 7V, TA =TJ = 25°C unless otherwise specified. [Note3]
PARAMETER
CONDITION
MIN
TYP
MAX
UNIT
Reference Voltage
VIN - VOUT = 2V, IOUT = 10mA
1.225
1.250
1.275
V
Line Regulation
(VOUT + 1.5V) < VIN < 7V, IOUT = 10mA
---
0.5
1
%
Load Regulation
(VIN - VOUT) = 2V, 10mA < IOUT <3A
---
0.04
0.5
%
Dropout Voltage
∆VOUT = 2%, IOUT = 3A
---
1.3
1.4
V
Current Limit
(VIN - VOUT) = 2V
---
5.4
---
A
Adjust Pin Current Change
VIN - VOUT = 2V, 10mA < IOUT < 3A
---
0.15
---
µA
Minimum Load Current
1.5V < (VIN - VOUT) < 5.25V
10
---
---
mA
Quiescent Current
VIN - VOUT = 2V
---
80
150
µA
Ripple Rejection
f = 120Hz, COUT = 10µF Tantalum,
(VIN - VOUT) = 3V, IOUT = 1A
---
48
---
dB
Temperature Stability
VIN = 4V, IO =10mA
---
0.3
---
%
RMS Output Noise (% of VOUT)
TA = 25°C, 10Hz < f < 10kHz, ILOAD = 10mA
---
0.007
---
%
Thermal Shutdown
Junction Temperature
---
150
---
°C
Thermal Shutdown Hysteresis
---
30
---
°C
Note 1: Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Con-
ditions are conditions under which the device functions but the specifications might not be guaranteed. For
guaranteed specifications and test conditions see the Electrical Characteristics.
Note2: The maximum power dissipation is a function of the maximum junction temperature, TJmax ; total thermal re-
sistance,
θJA, and ambient temperature TA. The maximum allowable power dissipation at any ambient tem-
perature is Tjmax-TA / θJA. If this dissipation is exceeded, the die temperature will rise above 150°C and IC
will go into thermal shutdown.
Note3: Low duty pulse techniques are used during test to maintain junction temperature as close to ambient as possible.
Note4: The type of output capacitor should be tantalum or aluminum.


Numéro de pièce similaire - G1085T53D

FabricantNo de pièceFiches techniqueDescription
logo
Global Mixed-mode Techn...
G1085-15T33T GMT-G1085-15T33T Datasheet
275Kb / 8P
   3A Low-Dropout Linear Regulator
G1085-15T53U GMT-G1085-15T53U Datasheet
275Kb / 8P
   3A Low-Dropout Linear Regulator
G1085-18T33T GMT-G1085-18T33T Datasheet
275Kb / 8P
   3A Low-Dropout Linear Regulator
G1085-18T53U GMT-G1085-18T53U Datasheet
275Kb / 8P
   3A Low-Dropout Linear Regulator
G1085-25T33T GMT-G1085-25T33T Datasheet
275Kb / 8P
   3A Low-Dropout Linear Regulator
More results

Description similaire - G1085T53D

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
UZ2085 UTC-UZ2085 Datasheet
286Kb / 8P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1085 UTC-UZ1085_V01 Datasheet
353Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Avic Technology
AV1085 AVICTEK-AV1085 Datasheet
108Kb / 7P
   3A Adjustable Low Dropout Linear Regulator (LDO)
logo
Unisonic Technologies
UZ1085 UTC-UZ1085_09 Datasheet
238Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1085 UTC-UZ1085_11 Datasheet
333Kb / 6P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
E-Tech Electronics LTD
UZ1085 ETL-UZ1085 Datasheet
330Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
FAN1587A FAIRCHILD-FAN1587A Datasheet
70Kb / 14P
   3A Adjustable/Fixed Low Dropout Linear Regulator
logo
Unisonic Technologies
UZ2085 UTC-UZ2085_12 Datasheet
290Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ2085 UTC-UZ2085_16 Datasheet
234Kb / 8P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
NIKO SEMICONDUCTOR CO.,...
L1085XG NIKOSEM-L1085XG Datasheet
137Kb / 8P
   3A Adjustable Low Dropout Linear Regulator (LDO)
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com