Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ES29DS800FT-90RTGI Fiches technique(PDF) 11 Page - Excel Semiconductor Inc.

No de pièce ES29DS800FT-90RTGI
Description  4Mbit(512Kx 8/256K x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EXCELSEMI [Excel Semiconductor Inc.]
Site Internet  
Logo EXCELSEMI - Excel Semiconductor Inc.

ES29DS800FT-90RTGI Fiches technique(HTML) 11 Page - Excel Semiconductor Inc.

Back Button ES29DS800FT-90RTGI Datasheet HTML 7Page - Excel Semiconductor Inc. ES29DS800FT-90RTGI Datasheet HTML 8Page - Excel Semiconductor Inc. ES29DS800FT-90RTGI Datasheet HTML 9Page - Excel Semiconductor Inc. ES29DS800FT-90RTGI Datasheet HTML 10Page - Excel Semiconductor Inc. ES29DS800FT-90RTGI Datasheet HTML 11Page - Excel Semiconductor Inc. ES29DS800FT-90RTGI Datasheet HTML 12Page - Excel Semiconductor Inc. ES29DS800FT-90RTGI Datasheet HTML 13Page - Excel Semiconductor Inc. ES29DS800FT-90RTGI Datasheet HTML 14Page - Excel Semiconductor Inc. ES29DS800FT-90RTGI Datasheet HTML 15Page - Excel Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 51 page
background image
ES I
ES I
11
Rev.0B January 5, 2006
ES29LV400E
Excel Semiconductor inc.
Table 3. Top Boot Sector Addresses (ES29LV400ET)
Sector
Sector address
A17~A12
Sector Size
(Kbytes/Kwords)
(X8)
Address Range
(X16)
Address Range
Remark
SA0
000XXX
64/32
00000h~0FFFFh
00000h~07FFFh
Main Sector
SA1
001XXX
64/32
10000h~1FFFFh
08000h~0FFFFh
SA2
010XXX
64/32
20000h~2FFFFh
10000h~17FFFh
SA3
011XXX
64/32
30000h~3FFFFh
18000h~1FFFFh
SA4
100XXX
64/32
40000h~4FFFFh
20000h~27FFFh
SA5
101XXX
64/32
50000h~5FFFFh
28000h~2FFFFh
SA6
110XXX
64/32
60000h~6FFFFh
30000h~37FFFh
SA7
1110XX
32/16
70000h~77FFFh
38000h~3BFFFh
Boot Sector
SA8
111100
8/4
78000h~79FFFh
3C000h~3CFFFh
SA9
111101
8/4
7A000h~7BFFFh
3D000h~3DFFFh
SA10
11111X
16/8
7C000h~7FFFFh
3E000h~3FFFFh
Note:
The addresses range is A17:A-1 in byte mode (BYTE#=VIL) or A17:A0 in word mode (BYTE#=VIH).
Table 4. Bottom Boot Sector Addresses (ES29LV400EB)
Sector
Sector address
A17~A12
Sector Size
(Kbytes/Kwords)
(X8)
Address Range
(X16)
Address Range
Remark
SA0
00000X
16/8
00000h~03FFFh
00000h~01FFFh
Boot Sector
SA1
000010
8/4
04000h~05FFFh
02000h~02FFFh
SA2
000011
8/4
06000h~07FFFh
03000h~03FFFh
SA3
0001XX
32/16
08000h~0FFFFh
04000h~07FFFh
SA4
001XXX
64/32
10000h~1FFFFh
08000h~0FFFFh
Main Sector
SA5
010XXX
64/32
20000h~2FFFFh
10000h~17FFFh
SA6
011XXX
64/32
30000h~3FFFFh
18000h~1FFFFh
SA7
100XXX
64/32
40000h~4FFFFh
20000h~27FFFh
SA8
101XXX
64/32
50000h~5FFFFh
28000h~2FFFFh
SA9
110XXX
64/32
60000h~6FFFFh
30000h~37FFFh
SA10
111XXX
64/32
70000h~7FFFFh
38000h~3FFFFh
Note:
The addresses range is A17:A-1 in byte mode (BYTE#=VIL) or A17:A0 in word mode (BYTE#=VIH).


Numéro de pièce similaire - ES29DS800FT-90RTGI

FabricantNo de pièceFiches techniqueDescription
logo
Excel Semiconductor Inc...
ES29DS800FT-90RTG EXCELSEMI-ES29DS800FT-90RTG Datasheet
685Kb / 52P
   4Mbit(512Kx 8/256K x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
More results

Description similaire - ES29DS800FT-90RTGI

FabricantNo de pièceFiches techniqueDescription
logo
Excel Semiconductor Inc...
ES29LV400D EXCELSEMI-ES29LV400D Datasheet
685Kb / 52P
   4Mbit(512Kx 8/256K x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
AMIC Technology
A29L400 AMICC-A29L400 Datasheet
387Kb / 40P
   512K X 8 Bit / 256K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L400A AMICC-A29L400A Datasheet
539Kb / 38P
   512K X 8 Bit / 256K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L400C AMICC-A29L400C Datasheet
440Kb / 37P
   512K X 8 Bit / 256K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29002 AMICC-A29002 Datasheet
312Kb / 32P
   256K X 8 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
logo
SPANSION
S29AL008J70TFI010 SPANSION-S29AL008J70TFI010 Datasheet
1Mb / 54P
   CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL016J70TFI020 SPANSION-S29AL016J70TFI020 Datasheet
1Mb / 58P
   CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Eon Silicon Solution In...
EN29LV400A EON-EN29LV400A Datasheet
771Kb / 41P
   4 Megabit (512K X 8-bit / 256K X 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
logo
SPANSION
S29AL016D SPANSION-S29AL016D Datasheet
1Mb / 58P
   16 MEGABIT CMOS 3.0 VOLT ONLY BOOT SECTOR FLASH MEMORY
logo
Eon Silicon Solution In...
EN29LV400A EON-EN29LV400A_11 Datasheet
427Kb / 43P
   4 Megabit (512K x 8-bit / 256K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com