Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FMB-461 Fiches technique(PDF) 10 Page - Interpoint Corporation Company

No de pièce FMB-461
Description  EMI INPUT FILTERS 28 VOLT INPUT
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERPOINT [Interpoint Corporation Company]
Site Internet  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

FMB-461 Fiches technique(HTML) 10 Page - Interpoint Corporation Company

Back Button FMB-461 Datasheet HTML 3Page - Interpoint Corporation Company FMB-461 Datasheet HTML 4Page - Interpoint Corporation Company FMB-461 Datasheet HTML 5Page - Interpoint Corporation Company FMB-461 Datasheet HTML 6Page - Interpoint Corporation Company FMB-461 Datasheet HTML 7Page - Interpoint Corporation Company FMB-461 Datasheet HTML 8Page - Interpoint Corporation Company FMB-461 Datasheet HTML 9Page - Interpoint Corporation Company FMB-461 Datasheet HTML 10Page - Interpoint Corporation Company FMB-461 Datasheet HTML 11Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
B8-30
CASE K
CASES
0.155 (3.94)
0.955 (24.26)
0.040 dia
(1.02)
0.000
0.555 (14.1)
1.115 (28.32)
12
4
5
Flanged cases: Designator required in Case Option position of model number.
FMA-461 and FMB-461 EMI Filters: Screening – Standard or ES
BOTTOM VIEW CASE K6
0.162 dia
(4.11)
Solder Seal
Solder Tip-off
Squared corner and dot on top
of case indicate pin one.
3
FIGURE 47: CASE K6
0.155 (3.94)
0.955 (24.26)
0.040 dia
(1.02)
Solder Seal
Solder Tip-off
0.000
1.115 (28.32)
12
6
10
Flanged case: Designator required in Case Option position of model number.
MHE Series: Screening – Standard or ES
BOTTOM VIEW CASE K7
345
7
8
9
0.555 (14.1)
Squared corner and dot on top
of case indicate pin one.
FIGURE 48: CASE K7


Numéro de pièce similaire - FMB-461

FabricantNo de pièceFiches techniqueDescription
logo
Interpoint Corporation ...
FMB-461 INTERPOINT-FMB-461 Datasheet
536Kb / 9P
   Attenuation 40 dB from 110 kHz to 50 MHz Transient suppression
More results

Description similaire - FMB-461

FabricantNo de pièceFiches techniqueDescription
logo
Interpoint Corporation ...
FMD28-461 INTERPOINT-FMD28-461 Datasheet
238Kb / 16P
   EMI INPUT FILTERS 28 & 270 VOLT INPUT
logo
Crane Aerospace & Elect...
FME28-461 CRANE-FME28-461 Datasheet
239Kb / 16P
   EMI INPUT FILTERS 28 & 270 VOLT INPUT
logo
Interpoint Corporation ...
FMD28-461 INTERPOINT-FMD28-461_14 Datasheet
201Kb / 8P
   EMI Input Filters 28 Volt input ??7 Amp
FMCE-0828 INTERPOINT-FMCE-0828_11 Datasheet
1Mb / 11P
   EMI Input Filters 28 Volt input ??8 Amp
FME28-461 INTERPOINT-FME28-461_10 Datasheet
865Kb / 13P
   EMI Input Filters 28 Volt Input ??15 Amp
FMGA-461 INTERPOINT-FMGA-461_15 Datasheet
349Kb / 14P
   FMSA/FMGA EMI Input Filters 28 Volt Input - 0.8 AMP
FMC-461 INTERPOINT-FMC-461 Datasheet
121Kb / 8P
   EMI INPUT FILTER 28 VOLT INPUT
STF28-461 INTERPOINT-STF28-461 Datasheet
60Kb / 4P
   EMI INPUT FILTER 28 VOLT INPUT
FMH-461 INTERPOINT-FMH-461 Datasheet
311Kb / 9P
   EMI INPUT FILTER 28 VOLT INPUT
logo
Crane Aerospace & Elect...
FMSA-461 CRANE-FMSA-461 Datasheet
233Kb / 6P
   EMI INPUT FILTER 28 VOLT INPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com