Moteur de recherche de fiches techniques de composants électroniques |
|
ES25P80-75CG2R Fiches technique(PDF) 4 Page - Excel Semiconductor Inc. |
|
ES25P80-75CG2R Fiches technique(HTML) 4 Page - Excel Semiconductor Inc. |
4 / 35 page ES I ES I 4 Rev. 0D May, 11, 2006 ES25P80 Excel Semiconductor inc. ADVANCED INFORMATION SIGNAL DESCRIPTION Serial Data Output (SO) This output signal is used to transfer data serially out of the device. Data is shifted out on the falling edge of Serial Clock (SCK). Serial Data Input (SI) This input signal is used to transfer data serially into the device. It receives instructions, addresses, and the data to be programmed. Values are latched on the rising edge of Serial Clock (SCK). Serial Clock (SCK) This input signal provides the timing of the serial interface. Instructions, addresses, and data present at the Serial Data Input (SI) are latched on the ris- ing edge of Serial Clock (SCK). Data on Serial Data Output (SO) changes after the falling edge of Serial Clock (SCK). Chip Select (CS#) When this input signal is high, the device is dese- lected and Serial Data Output (SO) is at high impedance. Unless an internal Program, Erase or Write Status Register cycle is in progress, the device will be in Standby mode. Driving Chip Select (CS#) Low enables the device, placing it in the active power mode. After power-up, a falling edge on Chip Select (CS#) is required prior to the start of any instruction. Hold (HOLD#) The Hold (HOLD#) signal is used to pause any serial communications with the device without deselecting the device. During the Hold instruction, the Serial Data Output (SO) is high impedance, and Serial Data Input (SI) and Serial Clock (SCK) are Don’t Care. To start the Hold condition, the device must be selected, with Chip Select (CS#) driven Low. Write Protect (W#) The main purpose of this input signal is to freeze the size of the area of memory that is protected against program or erase instructions (as specified by the values in the BP2, BP1 and BP0 bits of the Status Register). SPI MODES These devices can be driven by a microcontroller with its SPI peripheral running in either of the two fol- lowing modes : CPOL = 0, CPHA = 0 CPOL = 1, CPHA = 1 For these two modes, input data is latched in on the rising edge of Serial Clock (SCK), and output data is available from the falling edge of Serial Clock (SCK). The difference between the two modes, as shown in Figure 1, is the clock polarity when the bus master is in Standby and not transferring data: SCK remains at 0 for (CPOL = 0, CPHA = 0) SCK remains at 1 for (CPOL = 1, CPHA = 1) OPERATING FEATURES All data into and out of the device is shifted in 8-bit chunks. Page Programming To program one data byte, two instructions are required : Write Enable (WREN), which is one byte, and a Page Program (PP) sequence, which consists of four bytes plus data. This is followed by the inter- nal program cycle. To spread this overhead, the Page Program (PP) instruction allows up to 256 bytes to be programmed at a time (changing bits from 1 to 0), provided that they lie in consecutive addresses on the same page of memory. Sector Erase, or Bulk Erase The Page Program (PP) instruction allows bits to be programmed from 1 to 0. Before this can be applied, the bytes of the memory need to be first erased to all 1’s (FFh) before any programming. This can be achieved in two ways :1) a sector at a time using the Sector Erase (SE) instruction, or 2) throughout the entire memory, using the Bulk Erase (BE) instruc- tion. |
Numéro de pièce similaire - ES25P80-75CG2R |
|
Description similaire - ES25P80-75CG2R |