Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1N5554US Fiches technique(PDF) 3 Page - Sensitron

No de pièce 1N5554US
Description  HIGH CURRENT AXIAL LEAD RECTIFIERS : 200-1000 VOLT, 3.0 AMP, 2000 NANOSECOND RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SENSITRON [Sensitron]
Site Internet  http://www.sensitron.com
Logo SENSITRON - Sensitron

1N5554US Fiches technique(HTML) 3 Page - Sensitron

  1N5554US Datasheet HTML 1Page - Sensitron 1N5554US Datasheet HTML 2Page - Sensitron 1N5554US Datasheet HTML 3Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
• 221 West Industry Court
Deer Park, NY 11729
(631) 586 7600, FAX (631) 242 9798
• World Wide Web - www.sensitron.com • E-mail Address - sales@sensitron.com •
SENSITRON
_____
SEMICONDUCTOR
TECHNICAL DATA
DATA SHEET 126, REV E
1N5550/US
1N5551/US
1N5552/US
1N5553/US
1N5554/US
DISCLAIMER:
1- The information given herein, including the specifications and dimensions, is subject to change without prior notice to improve product
characteristics. Before ordering, purchasers are advised to contact the Sensitron Semiconductor sales department for the latest version of the
datasheet(s).
2- In cases where extremely high reliability is required (such as use in nuclear power control, aerospace and aviation, traffic equipment, medical
equipment , and safety equipment) , safety should be ensured by using semiconductor devices that feature assured safety or by means of users’
fail-safe precautions or other arrangement .
3- In no event shall Sensitron Semiconductor be liable for any damages that may result from an accident or any other cause during operation of
the user’s units according to the datasheet(s). Sensitron Semiconductor assumes no responsibility for any intellectual property claims or any
other problems that may result from applications of information, products or circuits described in the datasheets.
4- In no event shall Sensitron Semiconductor be liable for any failure in a semiconductor device or any secondary damage resulting from use at
a value exceeding the absolute maximum rating.
5- No license is granted by the datasheet(s) under any patents or other rights of any third party or Sensitron Semiconductor.
6- The datasheet(s) may not be reproduced or duplicated, in any form, in whole or part, without the expressed written permission of Sensitron
Semiconductor.
7- The products (technologies) described in the datasheet(s) are not to be provided to any party whose purpose in their application will hinder
maintenance of international peace and safety nor are they to be applied to that purpose by their direct purchasers or any third party. When
exporting these products (technologies), the necessary procedures are to be taken in accordance with related laws and regulations.


Numéro de pièce similaire - 1N5554US

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
1N5554US ETC1-1N5554US Datasheet
202Kb / 28P
   This specification covers the performance requirements for silicon, general purpose,
logo
Microsemi Corporation
1N5554US MICROSEMI-1N5554US Datasheet
93Kb / 2P
   VOIDLESS HERMITICALLY SEALED SURFACE MOUNT STANDARD RECOVERY GLASS RECTIFIERS
logo
Sensitron
1N5554US SENSITRON-1N5554US Datasheet
50Kb / 3P
   HIGH CURRENT AXIAL LEAD RECTIFIERS
logo
Semtech Corporation
1N5554US SEMTECH-1N5554US Datasheet
151Kb / 4P
   Surface Mount Hermetically Sealed Standard Recovery Rectifier Diode
More results

Description similaire - 1N5554US

FabricantNo de pièceFiches techniqueDescription
logo
Sensitron
5225 SENSITRON-5225 Datasheet
213Kb / 2P
   DESCRIPTION: A 1000 VOLT, 40 AMP, 200 NANOSECOND DOUBLER ASSEMBLY
logo
Central Semiconductor C...
CPD06-1N5408 CENTRAL-CPD06-1N5408 Datasheet
516Kb / 4P
   General Purpose Rectifier Die 3.0 Amp, 1000 Volt
R1 7-March 2019
CPD06-1N5554 CENTRAL-CPD06-1N5554 Datasheet
518Kb / 4P
   General Purpose Rectifier Die 3.0 Amp, 1000 Volt
R1 7-March 2019
CPD06-1N5550 CENTRAL-CPD06-1N5550 Datasheet
517Kb / 4P
   General Purpose Rectifier Die 3.0 Amp, 200 Volt
R1 7-March 2019
logo
New Jersey Semi-Conduct...
1N6628 NJSEMI-1N6628 Datasheet
98Kb / 1P
   A 600 VOLT, 2 AMP, 30 NANOSECOND RECTIFIER
logo
Sensitron
1N5418 SENSITRON-1N5418 Datasheet
205Kb / 2P
   HIGH CURRENT AXIAL LEAD RECTIFIERS
1N5550 SENSITRON-1N5550_08 Datasheet
50Kb / 3P
   HIGH CURRENT AXIAL LEAD RECTIFIERS
SS5550 SENSITRON-SS5550 Datasheet
42Kb / 3P
   HIGH CURRENT AXIAL LEAD RECTIFIERS
logo
Weitron Technology
1N5400 WEITRON-1N5400 Datasheet
350Kb / 3P
   Axial Lead Silicon Rectifiers SILICON RECTIFIERS 3.0 AMPERES 50-1000 VOLTS
logo
Central Semiconductor C...
CMSH3-100MFL CENTRAL-CMSH3-100MFL Datasheet
809Kb / 3P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIERS 3.0 AMP, 100 THRU 200 VOLT
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com