Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC1606XGAF Fiches technique(PDF) 31 Page - List of Unclassifed Manufacturers

No de pièce UC1606XGAF
Description  65COM x 132SEG Matrix LCD Controller-Driver
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

UC1606XGAF Fiches technique(HTML) 31 Page - List of Unclassifed Manufacturers

Back Button UC1606XGAF Datasheet HTML 27Page - List of Unclassifed Manufacturers UC1606XGAF Datasheet HTML 28Page - List of Unclassifed Manufacturers UC1606XGAF Datasheet HTML 29Page - List of Unclassifed Manufacturers UC1606XGAF Datasheet HTML 30Page - List of Unclassifed Manufacturers UC1606XGAF Datasheet HTML 31Page - List of Unclassifed Manufacturers UC1606XGAF Datasheet HTML 32Page - List of Unclassifed Manufacturers UC1606XGAF Datasheet HTML 33Page - List of Unclassifed Manufacturers UC1606XGAF Datasheet HTML 34Page - List of Unclassifed Manufacturers UC1606XGAF Datasheet HTML 35Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 46 page
background image
UC1606
65x132 Matrix LCD Controller-Drivers
Version 1.32
29
SAMPLE POWER COMMAND SEQUENCES
The following tables are examples of command sequence for power-up, power-down and display ON/OFF
operations. These are only to demonstrate some “typical, generic” scenarios. Designers are encouraged to
study related sections of the datasheet and find out what the best parameters and control sequences for
their specific design needs.
C/D
The type of the interface cycle. It can be either Command (0) or Data (1)
W/R
The direction of data flow of the cycle. It can be either Write (0) or Read (1).
Type
Required: These items are required
Customer: These items are not necessary if customer parameters are the same as default
Advanced: We recommend new users to skip these commands and use default values.
Optional:
These commands depend on what users want to do.
POWER-UP
Type C/D W/R D7 D6 D5 D4 D3 D2 D1 D0
Chip action
Comments
R
– Automatic Power-ON Reset.
Wait ~30ms after VDD is ON
C
0
0
1
1
0
0
#
#
0
# (16) Set LCD Mapping
Set up LCD specific
parameters such as format,
MX, MY, MSF, etc.
C
0
0
1
1
1
0
1
0
#
# (19) Set Bias Ratio
R
0
0
0
0
1
0
0
#
#
# (5) Set Gain
R
0
0
0
0
1
#
0
#
0
#
0
#
0
#
0
#
0
#
1
#
(10) Set PM
C
1
.
.
1
0
.
.
0
#
.
.
#
#
.
.
#
#
.
.
#
#
.
.
#
#
.
.
#
#
.
.
#
#
.
.
#
#
.
.
#
Write display RAM
Set up display image
R
0
0
1
0
1
0
1
1
1
1 (15) Set Display Enable
POWER-DOWN
Type C/D W/R D7 D6 D5 D4 D3 D2 D1 D0
Chip action
Comments
R
0
0
1
1
1
0
0
0
1
0 (17) System Reset
R
– Draining capacitor
Wait 3~5ms before VDD OFF


Numéro de pièce similaire - UC1606XGAF

FabricantNo de pièceFiches techniqueDescription
logo
ECM Electronics Limited...
UC1606 ECM-UC1606 Datasheet
102Kb / 5P
   Power Inductors
UC1606T-100 ECM-UC1606T-100 Datasheet
102Kb / 5P
   Power Inductors
UC1606T-101 ECM-UC1606T-101 Datasheet
102Kb / 5P
   Power Inductors
UC1606T-102 ECM-UC1606T-102 Datasheet
102Kb / 5P
   Power Inductors
UC1606T-150 ECM-UC1606T-150 Datasheet
102Kb / 5P
   Power Inductors
More results

Description similaire - UC1606XGAF

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
UC1701 ETC2-UC1701 Datasheet
529Kb / 51P
   Single-Chip, Ultra-Low Power 65COM by 132SEG Passive Matrix LCD Controller-Driver
UC1608 ETC1-UC1608 Datasheet
981Kb / 42P
   128COM x 240SEG Matrix LCD Controller-Driver
logo
Samsung semiconductor
S6B0756 SAMSUNG-S6B0756 Datasheet
334Kb / 74P
   65COM / 96 SEG DRIVER & CONTROLLER FOR STN LCD
logo
NXP Semiconductors
PCD8544 PHILIPS-PCD8544 Datasheet
154Kb / 32P
   48 x 84 pixels matrix LCD controller/driver
1999 Apr 12
logo
Sitronix Technology Co....
ST7522 SITRONIX-ST7522 Datasheet
633Kb / 45P
   17 x 96 Dot Matrix LCD Controller/Driver
ST7533 SITRONIX-ST7533 Datasheet
582Kb / 60P
   33 x 96 Dot Matrix LCD Controller/Driver
ST7545T SITRONIX-ST7545T Datasheet
1Mb / 48P
   66 x 102 Dot Matrix LCD Controller/Driver
ST7548T SITRONIX-ST7548T Datasheet
1Mb / 50P
   66 x 102 Dot Matrix LCD Controller/Driver
ST7033 SITRONIX-ST7033 Datasheet
441Kb / 39P
   4 x 96 Dot Matrix LCD Controller/Driver
ST7546T SITRONIX-ST7546T Datasheet
1Mb / 48P
   66 x 102 Dot Matrix LCD Controller/Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com