Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC1606XGAF Fiches technique(PDF) 29 Page - List of Unclassifed Manufacturers

No de pièce UC1606XGAF
Description  65COM x 132SEG Matrix LCD Controller-Driver
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

UC1606XGAF Fiches technique(HTML) 29 Page - List of Unclassifed Manufacturers

Back Button UC1606XGAF Datasheet HTML 25Page - List of Unclassifed Manufacturers UC1606XGAF Datasheet HTML 26Page - List of Unclassifed Manufacturers UC1606XGAF Datasheet HTML 27Page - List of Unclassifed Manufacturers UC1606XGAF Datasheet HTML 28Page - List of Unclassifed Manufacturers UC1606XGAF Datasheet HTML 29Page - List of Unclassifed Manufacturers UC1606XGAF Datasheet HTML 30Page - List of Unclassifed Manufacturers UC1606XGAF Datasheet HTML 31Page - List of Unclassifed Manufacturers UC1606XGAF Datasheet HTML 32Page - List of Unclassifed Manufacturers UC1606XGAF Datasheet HTML 33Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 46 page
background image
UC1606
65x132 Matrix LCD Controller-Drivers
Version 1.32
27
RESET & POWER MANAGEMENT
TYPES OF RESET
UC1606 has two different types of Reset:
Power-ON-Reset and System-Reset.
Power-ON-Reset is performed right after VDD is
connected to power. Power-On-Reset will first wait
for about ~20mS, depending on the time required
for VDD to stabilize, and then trigger the System
Reset.
System Reset can also be activated by software
command or by connecting RST pin to ground.
In the following discussions, Reset means System
Reset.
RESET STATUS
When UC1606 enters RESET sequence:
Operation mode will be “Reset”
System Status bits RS and BZ will stay as “1”
until the Reset process is completed. When
RS=1, the IC will only respond to Read Status
command. All other commands are ignored.
All control registers are reset to default values.
Refer to Control Registers for details of their
default values.
OPERATION MODES
UC1606 has three operating modes (OM):
Reset, Normal, Sleep.
Mode
Reset
Sleep Normal
OM
00
10
11
Host Interface
Active
Active
Active
Clock
OFF
OFF
ON
LCD Drivers
OFF
OFF
ON
Charge Pump
OFF
OFF
ON
Draining Circuit
ON
OFF
OFF
Table 5: Operating Modes
CHANGING OPERATION MODE
In addition to Power-ON Reset, two commands will
initiate OM transitions:
Set Display Enable, and System Reset.
When DC[2] is modified by Set Display Enable, OM
will be updated automatically. There is no other
action required to enter Sleep mode.
For maximum energy utilization, Sleep mode is
designed to retain charges stored in external
capacitors CB0, CB1, and CL. To drain these
capacitors, use Reset command to activate the on-
chip draining circuit.
Action
Mode
OM
Set Driver Enable to “0”
Sleep
10
Set Driver Enable to “1”
Normal
11
Reset command or
RST_ pin pulled “L”
Power ON Reset
Reset
00
Table 6: OM changes
Even though UC1606 consumes very little energy
in Sleep mode (typically 5uA or less), since all
capacitors are still charged, the leakage through
COM drivers may damage the LCD over the long
term. It is therefore recommended to use Sleep
mode only for brief Display OFF operations, such
as full-frame screen updates, and to use RESET
for extended screen OFF operations.
EXITING SLEEP MODE
UC1606 contains internal logic to check whether
VLCD and VBIAS are ready before releasing COM
and SEG drivers from their idle states. When
exiting Sleep or Reset Mode, COM and SEG
drivers will not be activated until UC1606 internal
voltage sources are restored to their proper values.


Numéro de pièce similaire - UC1606XGAF

FabricantNo de pièceFiches techniqueDescription
logo
ECM Electronics Limited...
UC1606 ECM-UC1606 Datasheet
102Kb / 5P
   Power Inductors
UC1606T-100 ECM-UC1606T-100 Datasheet
102Kb / 5P
   Power Inductors
UC1606T-101 ECM-UC1606T-101 Datasheet
102Kb / 5P
   Power Inductors
UC1606T-102 ECM-UC1606T-102 Datasheet
102Kb / 5P
   Power Inductors
UC1606T-150 ECM-UC1606T-150 Datasheet
102Kb / 5P
   Power Inductors
More results

Description similaire - UC1606XGAF

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
UC1701 ETC2-UC1701 Datasheet
529Kb / 51P
   Single-Chip, Ultra-Low Power 65COM by 132SEG Passive Matrix LCD Controller-Driver
UC1608 ETC1-UC1608 Datasheet
981Kb / 42P
   128COM x 240SEG Matrix LCD Controller-Driver
logo
Samsung semiconductor
S6B0756 SAMSUNG-S6B0756 Datasheet
334Kb / 74P
   65COM / 96 SEG DRIVER & CONTROLLER FOR STN LCD
logo
NXP Semiconductors
PCD8544 PHILIPS-PCD8544 Datasheet
154Kb / 32P
   48 x 84 pixels matrix LCD controller/driver
1999 Apr 12
logo
Sitronix Technology Co....
ST7522 SITRONIX-ST7522 Datasheet
633Kb / 45P
   17 x 96 Dot Matrix LCD Controller/Driver
ST7533 SITRONIX-ST7533 Datasheet
582Kb / 60P
   33 x 96 Dot Matrix LCD Controller/Driver
ST7545T SITRONIX-ST7545T Datasheet
1Mb / 48P
   66 x 102 Dot Matrix LCD Controller/Driver
ST7548T SITRONIX-ST7548T Datasheet
1Mb / 50P
   66 x 102 Dot Matrix LCD Controller/Driver
ST7033 SITRONIX-ST7033 Datasheet
441Kb / 39P
   4 x 96 Dot Matrix LCD Controller/Driver
ST7546T SITRONIX-ST7546T Datasheet
1Mb / 48P
   66 x 102 Dot Matrix LCD Controller/Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com