Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC1606 Fiches technique(PDF) 35 Page - List of Unclassifed Manufacturers

No de pièce UC1606
Description  65COM x 132SEG Matrix LCD Controller-Driver
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

UC1606 Fiches technique(HTML) 35 Page - List of Unclassifed Manufacturers

Back Button UC1606 Datasheet HTML 31Page - List of Unclassifed Manufacturers UC1606 Datasheet HTML 32Page - List of Unclassifed Manufacturers UC1606 Datasheet HTML 33Page - List of Unclassifed Manufacturers UC1606 Datasheet HTML 34Page - List of Unclassifed Manufacturers UC1606 Datasheet HTML 35Page - List of Unclassifed Manufacturers UC1606 Datasheet HTML 36Page - List of Unclassifed Manufacturers UC1606 Datasheet HTML 37Page - List of Unclassifed Manufacturers UC1606 Datasheet HTML 38Page - List of Unclassifed Manufacturers UC1606 Datasheet HTML 39Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 46 page
background image
UC1606
65x132 Matrix LCD Controller-Drivers
Version 1.32
33
AC CHARACTERISTICS
Figure 12: Parallel Bus Timing Characteristics (for 8080 MCU)
(VDD=2.4V to 3.0V, Ta= –30 to +85
o
C)
Symbol
Signal
Description
Condition
Min.
Max.
Units
tAS80
tAH80
CD
Address setup time
Address hold time
25
50
ns
tCY80
System cycle time
300
ns
tPWR80
WR1
Pulse width (read)
85
ns
tPWW80
WR0
Pulse width (write)
85
ns
tHPW80
WR0, WR1
High pulse width
85
ns
tDS80
tDH80
D0~D7
Data setup time
Data hold time
40
15
ns
tACC80
tOD80
Read access time
Output disable time
CL = 100pF
10
140
100
ns
tCSSA80
tCSSD80
tCSH80
CS1/CS0
Chip select setup time
15
15
30
ns
(VDD=3.0V to 4.0V, Ta= –30 to +85
o
C)
Symbol
Signal
Description
Condition
Min.
Max.
Units
tAS80
tAH80
CD
Address setup time
Address hold time
20
45
ns
tCY80
System cycle time
166
ns
tPWR80
WR1
Pulse width (read)
65
ns
tPWW80
WR0
Pulse width (write)
65
ns
tHPW80
WR0, WR1
High pulse width
65
ns
tDS80
tDH80
D0~D7
Data setup time
Data hold time
30
10
ns
tACC80
tOD80
Read access time
Output disable time
CL = 100pF
10
65
45
ns
tCSSA80
tCSSD80
tCSH80
CS1/CS0
Chip select setup time
10
10
20
ns
CD
tAS80
tAH80
CS0
CS1
tCSSA80
tCY80
tCSH80
tCSSD80
tPWR80, tPWW80
tHPW80
WR0,
WR1
tDS80
tDH80
Write
D[7:0]
tACC80
tOD80
Read
D[7:0]


Numéro de pièce similaire - UC1606

FabricantNo de pièceFiches techniqueDescription
logo
ECM Electronics Limited...
UC1606 ECM-UC1606 Datasheet
102Kb / 5P
   Power Inductors
UC1606T-100 ECM-UC1606T-100 Datasheet
102Kb / 5P
   Power Inductors
UC1606T-101 ECM-UC1606T-101 Datasheet
102Kb / 5P
   Power Inductors
UC1606T-102 ECM-UC1606T-102 Datasheet
102Kb / 5P
   Power Inductors
UC1606T-150 ECM-UC1606T-150 Datasheet
102Kb / 5P
   Power Inductors
More results

Description similaire - UC1606

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
UC1701 ETC2-UC1701 Datasheet
529Kb / 51P
   Single-Chip, Ultra-Low Power 65COM by 132SEG Passive Matrix LCD Controller-Driver
UC1608 ETC1-UC1608 Datasheet
981Kb / 42P
   128COM x 240SEG Matrix LCD Controller-Driver
logo
Samsung semiconductor
S6B0756 SAMSUNG-S6B0756 Datasheet
334Kb / 74P
   65COM / 96 SEG DRIVER & CONTROLLER FOR STN LCD
logo
NXP Semiconductors
PCD8544 PHILIPS-PCD8544 Datasheet
154Kb / 32P
   48 x 84 pixels matrix LCD controller/driver
1999 Apr 12
logo
Sitronix Technology Co....
ST7522 SITRONIX-ST7522 Datasheet
633Kb / 45P
   17 x 96 Dot Matrix LCD Controller/Driver
ST7533 SITRONIX-ST7533 Datasheet
582Kb / 60P
   33 x 96 Dot Matrix LCD Controller/Driver
ST7545T SITRONIX-ST7545T Datasheet
1Mb / 48P
   66 x 102 Dot Matrix LCD Controller/Driver
ST7548T SITRONIX-ST7548T Datasheet
1Mb / 50P
   66 x 102 Dot Matrix LCD Controller/Driver
ST7033 SITRONIX-ST7033 Datasheet
441Kb / 39P
   4 x 96 Dot Matrix LCD Controller/Driver
ST7546T SITRONIX-ST7546T Datasheet
1Mb / 48P
   66 x 102 Dot Matrix LCD Controller/Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com