Moteur de recherche de fiches techniques de composants électroniques |
|
TL16C2552 Fiches technique(PDF) 9 Page - Texas Instruments |
|
|
TL16C2552 Fiches technique(HTML) 9 Page - Texas Instruments |
9 / 34 page www.ti.com ELECTRICAL CHARACTERISTICS ELECTRICAL CHARACTERISTICS TL16C2552 SLWS163A – SEPTEMBER 2005 – REVISED JUNE 2006 RECOMMENDED OPERATING CONDITIONS (continued) over operating free-air temperature range (unless otherwise noted) 5 V ±10% MIN NOM MAX UNIT VIH High-level input voltage All except XTAL1, XTAL2 2 V XTAL1, XTAL2 0.7VCC VIL Low-level input voltage All except XTAL1, XTAL2 0.8 V XTAL1, XTAL2 0.3VCC VO Output voltage 0 VCC V IOH High-level output current (all outputs) 4 mA IOL Low-level output current (all outputs) 4 mA Oscillator/clock speed 24 MHz over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted) 1.8 V Nominal PARAMETER TEST CONDITIONS MIN TYP(1) MAX UNIT VOH High-level output voltage(2) IOH = -0.5 mA 1.3 V VOL Low-level output voltage(2) IOL = 1 mA 0.5 V II Input current VCC = 1.98 V, VSS = 0, VI = 0 to 1.98 V, All other terminals 10 µA floating IOZ High-impedance-state output VCC = 1.98 V, VSS = 0, VI = 0 to 1.98 V, Chip selected in write ±20 µA current mode or chip deselected ICC Supply current VCC = 1.98 V, TA = 0°C, RXA, RXB, DSRA, DSRB, CDA, CDB, 1.5 mA CTSA, CTSB, RIA, and RIB at 1.4 V, All other inputs at 0.4 V, XTAL1 at 10 MHz, No load on outputs Ci(CL Clock input impedance 15 20 pF K) CO(C Clock output impedance 20 30 pF VCC = 0, VSS = 0, f = 1 MHz, LK) TA = 25°C, All other terminals grounded CI Input impedance 6 10 pF CO Output impedance 10 20 pF (1) All typical values are at VCC = 1.8 V and TA = 25°C. (2) These parameters apply for all outputs except XTAL2. over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted) 2.5 V Nominal PARAMETER TEST CONDITIONS MIN TYP(1) MAX UNIT VOH High-level output voltage(2) IOH = -1 mA 1.8 V VOL Low-level output voltage(2) IOL = 2 mA 0.5 V II Input current VCC = 2.75 V, VSS = 0, VI = 0 to 2.75 V, All other terminals 10 µA floating IOZ High-impedance-state output VCC = 2.75 V, VSS = 0, VI = 0 to 2.75 V, Chip selected in ±20 µA current write mode or chip deselected ICC Supply current VCC = 2.75 V, TA = 0°C, RXA, RXB, DSRA, DSRB, CDA, 2.5 mA CDB, CTSA, CTSB, RIA, and RIB at 1.8 V, All other inputs at 0.6 V, XTAL1 at 16 MHz, No load on outputs (1) All typical values are at VCC = 2.5 V and TA = 25°C. (2) These parameters apply for all outputs except XTAL2. ADDED SPACE 9 Submit Documentation Feedback |
Numéro de pièce similaire - TL16C2552 |
|
Description similaire - TL16C2552 |