Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

XN4482 Fiches technique(PDF) 2 Page - Panasonic Semiconductor

No de pièce XN4482
Description  Silicon PNP epitaxial planer transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANASONIC [Panasonic Semiconductor]
Site Internet  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

XN4482 Fiches technique(HTML) 2 Page - Panasonic Semiconductor

  XN4482 Datasheet HTML 1Page - Panasonic Semiconductor XN4482 Datasheet HTML 2Page - Panasonic Semiconductor XN4482 Datasheet HTML 3Page - Panasonic Semiconductor XN4482 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Composite Transistors
XN4482
s Electrical Characteristics (Ta=25˚C)
q
Tr1
Parameter
Symbol
Conditions
min
typ
max
Unit
Collector to base voltage
VCBO
IC = –10µA, IE = 0
–60
V
Collector to emitter voltage
VCEO
IC = –2mA, IB = 0
–50
V
Emitter to base voltage
VEBO
IE = –10µA, IC = 0
–7
V
Collector cutoff current
ICBO
VCB = –20V, IE = 0
– 0.1
µA
ICEO
VCE = –10V, IB = 0
–100
µA
Forward current transfer ratio
hFE
VCE = –10V, IC = –2mA
160
460
Collector to emitter saturation voltage
VCE(sat)
IC = –100mA, IB = –10mA
– 0.3
– 0.5
V
Transition frequency
fT
VCB = –10V, IE = 1mA, f = 200MHz
80
MHz
Collector output capacitance
Cob
VCB = –10V, IE = 0, f = 1MHz
2.7
pF
q
Tr2
Parameter
Symbol
Conditions
min
typ
max
Unit
Collector to base voltage
VCBO
IC = –10µA, IE = 0
–60
V
Collector to emitter voltage
VCEO
IC = –2mA, IB = 0
–50
V
Emitter to base voltage
VEBO
IE = –10µA, IC = 0
–5
V
Collector cutoff current
ICBO
VCB = –20V, IE = 0
– 0.1
µA
Forward current transfer ratio
hFE1
VCE = –10V, IC = –150mA*
85
340
hFE2
VCE = –10V, IC = –500mA*
40
Collector to emitter saturation voltage
VCE(sat)
IC = –300mA, IB = –30mA*
– 0.35
– 0.6
V
Base to emitter saturation voltage
VBE(sat)
IC = –300mA, IB = –30mA*
–1.1
–1.5
V
Transition frequency
fT
VCB = –10V, IE = 1mA, f = 200MHz
200
MHz
Collector output capacitance
Cob
VCB = –10V, IE = 0, f = 1MHz
5
15
pF
* Pulse measurement
Common characteristics chart
PT — Ta
0
100
200
300
400
500
0
40
80
120
160
Ambient temperature Ta (˚C)


Numéro de pièce similaire - XN4482

FabricantNo de pièceFiches techniqueDescription
logo
Panasonic Semiconductor
XN4401 PANASONIC-XN4401 Datasheet
42Kb / 3P
   Silicon PNP epitaxial planer transistor
XN4401 PANASONIC-XN4401 Datasheet
103Kb / 4P
   Silicon PNP epitaxial planar type
XN4402 PANASONIC-XN4402 Datasheet
89Kb / 3P
   Silicon PNP epitaxial planer transistor
XN4404 PANASONIC-XN4404 Datasheet
33Kb / 2P
   Silicon PNP epitaxial planer transistor
More results

Description similaire - XN4482

FabricantNo de pièceFiches techniqueDescription
logo
Panasonic Semiconductor
XP1601 PANASONIC-XP1601 Datasheet
56Kb / 5P
   Silicon PNP(PNP) epitaxial planer transistor
XN1111 PANASONIC-XN1111 Datasheet
34Kb / 2P
   Silicon PNP epitaxial planer transistor
XN1116 PANASONIC-XN1116 Datasheet
33Kb / 2P
   Silicon PNP epitaxial planer transistor
XN1118 PANASONIC-XN1118 Datasheet
34Kb / 2P
   Silicon PNP epitaxial planer transistor
XN4114 PANASONIC-XN4114 Datasheet
33Kb / 2P
   Silicon PNP epitaxial planer transistor
XN4130 PANASONIC-XN4130 Datasheet
34Kb / 2P
   Silicon PNP epitaxial planer transistor
XN6112 PANASONIC-XN6112 Datasheet
33Kb / 2P
   Silicon PNP epitaxial planer transistor
XN611FH PANASONIC-XN611FH Datasheet
51Kb / 4P
   Silicon PNP epitaxial planer transistor
XP4112 PANASONIC-XP4112 Datasheet
33Kb / 2P
   Silicon PNP epitaxial planer transistor
XP4115 PANASONIC-XP4115 Datasheet
32Kb / 2P
   Silicon PNP epitaxial planer transistor
XP4116 PANASONIC-XP4116 Datasheet
32Kb / 2P
   Silicon PNP epitaxial planer transistor
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com