Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA8589AJ Fiches technique(PDF) 5 Page - NXP Semiconductors

No de pièce TDA8589AJ
Description  I2C-bus controlled 4 45 Watt power amplifier and multiple voltage regulator
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8589AJ Fiches technique(HTML) 5 Page - NXP Semiconductors

  TDA8589AJ Datasheet HTML 1Page - NXP Semiconductors TDA8589AJ Datasheet HTML 2Page - NXP Semiconductors TDA8589AJ Datasheet HTML 3Page - NXP Semiconductors TDA8589AJ Datasheet HTML 4Page - NXP Semiconductors TDA8589AJ Datasheet HTML 5Page - NXP Semiconductors TDA8589AJ Datasheet HTML 6Page - NXP Semiconductors TDA8589AJ Datasheet HTML 7Page - NXP Semiconductors TDA8589AJ Datasheet HTML 8Page - NXP Semiconductors TDA8589AJ Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 55 page
background image
2004 Feb 245
Philips Semiconductors
Product speci
cation
I2C-bus controlled 4
45 Watt power
ampli
er and multiple voltage regulator
TDA8589J; TDA8589xJ
BLOCK DIAGRAM
Vreg2
40 s
BACKUP
SWITCH
ENABLE
LOGIC
TDA8589
STANDBY/ MUTE
I2C-BUS
INTERFACE
CLIP DETECT/ DIAGNOSTIC
REGULATOR 1
REGULATOR 3
REGULATOR 2
REGULATOR 4
REGULATOR 5
SWITCH 1
SWITCH 2
MUTE
PROTECTION/
DIAGNOSTIC
26 dB/
20 dB
PROTECTION/
DIAGNOSTIC
26 dB/
20 dB
PROTECTION/
DIAGNOSTIC
26 dB/
20 dB
PROTECTION/
DIAGNOSTIC
26 dB/
20 dB
MUTE
MUTE
MUTE
35
28
27
26
20
6
25
9
7
17
19
5
3
21
23
168
13
SGND
SVR
IN4
IN3
IN2
IN1
STB
SCL
SDA
RESCAP
VP
BUCAP
ACGND
PGND1
PGND3
PGND4
10
14
12
15
11
22
4
2
1
18
24
32
29
34
33
31
30
37
REG2
REG1
REG3
REG4
REG5
SW1
SW2
RST
VP1
DIAG
OUT1
OUT1
OUT2
OUT2
OUT3
OUT3
OUT4
OUT4
VP2
GND
36
VP
REFERENCE
VOLTAGE
TEMPERATURE &
LOAD DUMP
PROTECTION VOLTAGE
REGULATOR
TEMPERATURE & LOAD
DUMP PROTECTION
AMPLIFIER
PGND2/TAB
Fig.1 Block diagram.


Numéro de pièce similaire - TDA8589AJ

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA8580 PHILIPS-TDA8580 Datasheet
144Kb / 20P
   Multi-purpose power amplifier
1998 Feb 25
TDA8580J PHILIPS-TDA8580J Datasheet
181Kb / 28P
   Multi-purpose power amplifier
2000 Apr 18
TDA8581 PHILIPS-TDA8581 Datasheet
113Kb / 20P
   Multi-purpose high-gain power amplifier
1998 May 27
TDA8586 PHILIPS-TDA8586 Datasheet
138Kb / 24P
   Power amplifier with load detection and auto BTL/SE selection
1999 Apr 08
TDA8588AJ PHILIPS-TDA8588AJ Datasheet
296Kb / 54P
   I2C-bus controlled 4 x 50 Watt power amplifier and multiple voltage regulator
2004 Feb 24
More results

Description similaire - TDA8589AJ

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDF8553J NXP-TDF8553J Datasheet
390Kb / 47P
   I2C-bus controlled 4 X 50 Watt power amplifier and multiple voltage regulator
Rev. 01-3 December 2008
TDA8588J PHILIPS-TDA8588J Datasheet
296Kb / 54P
   I2C-bus controlled 4 x 50 Watt power amplifier and multiple voltage regulator
2004 Feb 24
TDA8595 PHILIPS-TDA8595_15 Datasheet
484Kb / 51P
   I2C-bus controlled 4 ??45 W power amplifier
Rev. 5-11 June 2013
TDA8595 NXP-TDA8595 Datasheet
294Kb / 50P
   I2C-bus controlled 4 쨈 45 W power amplifier
Rev. 02-21 November 2007
TDF8546_SDS PHILIPS-TDF8546_SDS_15 Datasheet
410Kb / 21P
   I2C-bus controlled 4 ??45 W best efficiency amplifier
Rev. 8-27 September 2013
TDA8596 PHILIPS-TDA8596_15 Datasheet
275Kb / 48P
   I2C-bus controlled 4 쨈 45 W power amplifier with symmetrical inputs
Rev. 02-8 November 2007
TDA8594 PHILIPS-TDA8594_15 Datasheet
469Kb / 49P
   I2C-bus controlled 4 ??50 W power amplifier
Rev. 5-11 June 2013
TDA8594 NXP-TDA8594 Datasheet
290Kb / 48P
   I2C-bus controlled 4 X 50 W power amplifier
Rev. 02-11 December 2007
logo
STMicroelectronics
TDA75612LV STMICROELECTRONICS-TDA75612LV Datasheet
730Kb / 35P
   4 x 45 W power amplifier with full I2C diagnostics, SSR and low voltage operation
September 2014 Rev 4
TDA75616LV STMICROELECTRONICS-TDA75616LV Datasheet
713Kb / 36P
   4 x 45 W power amplifier with full I2C diagnostics, SSR and low voltage operation
September 2014 Rev 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com