Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CD0805-B0245L Fiches technique(PDF) 7 Page - List of Unclassifed Manufacturers

No de pièce CD0805-B0245L
Description  Schottky Barrier Chip Diode Series - 0805
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

CD0805-B0245L Fiches technique(HTML) 7 Page - List of Unclassifed Manufacturers

  CD0805-B0245L Datasheet HTML 1Page - List of Unclassifed Manufacturers CD0805-B0245L Datasheet HTML 2Page - List of Unclassifed Manufacturers CD0805-B0245L Datasheet HTML 3Page - List of Unclassifed Manufacturers CD0805-B0245L Datasheet HTML 4Page - List of Unclassifed Manufacturers CD0805-B0245L Datasheet HTML 5Page - List of Unclassifed Manufacturers CD0805-B0245L Datasheet HTML 6Page - List of Unclassifed Manufacturers CD0805-B0245L Datasheet HTML 7Page - List of Unclassifed Manufacturers CD0805-B0245L Datasheet HTML 8Page - List of Unclassifed Manufacturers CD0805-B0245L Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Schottky Barrier Chip Diode Series - 0805
Rating and Characteristic Curves: CD0805-B0230
Derating Curve
Capacitance Between Terminals
Forward Characteristics
Reverse Characteristics
1000
1
0.0
0.2
0.3
0.5
0.4
Forward Voltage (Volts)
0.1
10
100
125 °C
85 °C
-25 °C
25 °C
10
100
1000
10000
100000
1000000
10000000
0
5
10
15
20
25
30
35
Reverse Voltage (Volts)
25 °C
85 °C
125 °C
120
100
80
60
40
20
0
0
25
50
75
100
125
150
Ambient Temperature (°C)
Mounting on glass epoxy PCBs
100.0
40.0
50.0
60.0
70.0
80.0
90.0
30.0
20.0
10.0
0.0
010
515
20
25
30
35
Reverse Voltage (Volts)
F = 1 MHz
Ta = 25 °C


Numéro de pièce similaire - CD0805-B0245L

FabricantNo de pièceFiches techniqueDescription
logo
Bourns Electronic Solut...
CD0805-B160 BOURNS-CD0805-B160 Datasheet
298Kb / 6P
   Switching Chip Diode Series - 0805 / 1206
More results

Description similaire - CD0805-B0245L

FabricantNo de pièceFiches techniqueDescription
logo
Bourns Electronic Solut...
CD0603-B0XR BOURNS-CD0603-B0XR Datasheet
576Kb / 6P
   Schottky Barrier Chip Diode Series
CD123D-B1XR BOURNS-CD123D-B1XR Datasheet
587Kb / 6P
   Schottky Barrier Chip Diode Series
CD0603 BOURNS-CD0603 Datasheet
250Kb / 10P
   Schottky Barrier Chip Diode Series
logo
M/A-COM Technology Solu...
1N66XX MA-COM-1N66XX Datasheet
740Kb / 7P
   Schottky Barrier Diode Chip
logo
Bourns Electronic Solut...
CD0603-B BOURNS-CD0603-B Datasheet
194Kb / 6P
   CD0603-B0xR Schottky Barrier Chip Diode Series
REV. 08/19
CD0603-B0240 BOURNS-CD0603-B0240 Datasheet
192Kb / 10P
   CD0603/1005 Schottky Barrier Chip Diode Series
CD123D-B BOURNS-CD123D-B Datasheet
170Kb / 6P
   CD123D-B1xR Schottky Barrier Chip Diode Series
REV. 08/19
CD214A-B320 BOURNS-CD214A-B320_11 Datasheet
167Kb / 5P
   Schottky Barrier Rectifier Chip Diode
CD214A-B1XR BOURNS-CD214A-B1XR Datasheet
482Kb / 4P
   Schottky Barrier Rectifier Chip Diode
CD214C-B3XR BOURNS-CD214C-B3XR Datasheet
469Kb / 4P
   Schottky Barrier Rectifier Chip Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com