Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI4362BDY-RC Fiches technique(PDF) 1 Page - Vishay Siliconix

No de pièce SI4362BDY-RC
Description  R-C Thermal Model Parameters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4362BDY-RC Fiches technique(HTML) 1 Page - Vishay Siliconix

  SI4362BDY-RC Datasheet HTML 1Page - Vishay Siliconix SI4362BDY-RC Datasheet HTML 2Page - Vishay Siliconix SI4362BDY-RC Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Vishay Siliconix
Si4362BDY_RC
Document Number: 73832
Revision 03-Mar-06
www.vishay.com
1
R-C Thermal Model Parameters
DESCRIPTION
The parametric values in the R-C thermal model have
been derived using curve-fitting techniques. These
techniques are described in "A Simple Method of
Generating Thermal Models for a Power MOSFET"[1].
When implemented in P-Spice, these values have
matching characteristic curves to the Single Pulse
Transient
Thermal
Impedance
curves
for
the
MOSFET.
R-C values for the electrical circuit in the Foster/Tank
and Cauer/Filter configurations are included.
Note:
For a detailed explanation of implementing these values in
P-SPICE, refer to Application Note AN609 Thermal Simulations Of
Power MOSFETs on P-SPICE Platform.
R-C THERMAL MODEL FOR TANK CONFIGURATION
This document is intended as a SPICE modeling guideline and does not constitute a commercial product data sheet. Designers should refer to the appropriate data
sheet of the same number for guaranteed specification limits.
R-C VALUES FOR TANK CONFIGURATION
Thermal Resistance (°C/W)
Junction to
Ambient
Case
Foot
RT1
2.3510
N/A
206.8218 m
RT2
22.3383
N/A
4.2280
RT3
31.8527
N/A
8.8272
RT4
23.4503
N/A
5.6292
Thermal Capacitance (Joules/°C)
Junction to
Ambient
Case
Foot
CT1
10.8671 m
N/A
9.5541 m
CT2
48.7958 m
N/A
133.6946 m
CT3
1.8249
N/A
180.3975 m
CT4
4.3203
N/A
12.3666 m


Numéro de pièce similaire - SI4362BDY-RC

FabricantNo de pièceFiches techniqueDescription
logo
Vaishali Semiconductor
SI4362BDY VAISH-SI4362BDY Datasheet
186Kb / 3P
   N-Channel 30-V (D-S) Reduced Qgd, Fast Switching WFET
logo
Vishay Siliconix
SI4362BDY VISHAY-SI4362BDY Datasheet
101Kb / 7P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 09-Feb-09
More results

Description similaire - SI4362BDY-RC

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI2323DS-RC VISHAY-SI2323DS-RC Datasheet
185Kb / 3P
   R-C Thermal Model Parameters
Revision 22-Aug-05
SI7136DP-RC VISHAY-SI7136DP-RC Datasheet
177Kb / 3P
   R-C Thermal Model Parameters
Revision 16-Jan-06
logo
Vaishali Semiconductor
SI4856ADY-RC VAISH-SI4856ADY-RC Datasheet
191Kb / 3P
   R-C Thermal Model Parameters
logo
Vishay Siliconix
SI4378DY_RC VISHAY-SI4378DY_RC Datasheet
348Kb / 3P
   R-C Thermal Model Parameters
Revision 02-Mar-06
SI3865BDV_RC VISHAY-SI3865BDV_RC Datasheet
84Kb / 3P
   R-C Thermal Model Parameters
Revision: 07-May-07
SI4416DY_RC VISHAY-SI4416DY_RC Datasheet
212Kb / 3P
   R-C Thermal Model Parameters
Revision 31-Aug-05
SI4496DY VISHAY-SI4496DY Datasheet
193Kb / 3P
   R - C Thermal Model Parameters
Revision 02-Sep-05
SI4483EDY_RC VISHAY-SI4483EDY_RC Datasheet
194Kb / 3P
   R-C Thermal Model Parameters
Revision 01-Sep-05
SUD50N06-07L-RC VISHAY-SUD50N06-07L-RC Datasheet
99Kb / 3P
   R-C Thermal Model Parameters
Revision: 10-Sep-07
SI6968BEDQ_RC VISHAY-SI6968BEDQ_RC Datasheet
69Kb / 3P
   R-C Thermal Model Parameters
Revision: 11-Jul-07
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com