Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

FPD5W1KX Fiches technique(PDF) 4 Page - Eudyna Devices Inc

No de pièce FPD5W1KX
Description  Avalanche Photodiode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EUDYNA [Eudyna Devices Inc]
Site Internet  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

FPD5W1KX Fiches technique(HTML) 4 Page - Eudyna Devices Inc

  FPD5W1KX Datasheet HTML 1Page - Eudyna Devices Inc FPD5W1KX Datasheet HTML 2Page - Eudyna Devices Inc FPD5W1KX Datasheet HTML 3Page - Eudyna Devices Inc FPD5W1KX Datasheet HTML 4Page - Eudyna Devices Inc FPD5W1KX Datasheet HTML 5Page - Eudyna Devices Inc FPD5W1KX Datasheet HTML 6Page - Eudyna Devices Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
FPD5W1KX
10
100
0.1
1
Photocurrent at M=1, Ipo (
µA)
Fig. 6 Multiplication Factor vs. Photocurrent
1
1000
100
10
01
2
3
Frequency (GHz)
Fig. 7A Frequency Response
(Air Gap ~ 2mm)
0.98VB
0.95VB
0.9VB
Mmax
M=5
M=3
M=2
M=15
M=20
M=10
Ta=25°C,
λ = 1,550nm
Ta = 25°C,
λ = 1,550nm,
Pin=2
µW,
AC coupled,
RL = 50Ω
10
100
0.1
1
Photocurrent at M=1, Ipo (
µA)
Fig. 8 Cutoff Frequency vs. Multiplication Factor
0.1
100
10
1
Air Gap=0mm
Air Gap=2mm
(Air Gap ~ 2mm)
PCB
01
2
3
4
5
6
Frequency (GHz)
Fig. 7B Frequency Response
(Air Gap ~ 0mm)
M=5
M=3
M=2
M=15
M=20
M=10
Ta = 25°C,
λ = 1,550nm,
Pin=2
µW,
AC coupled,
RL = 50Ω
Ta = 25°C,
λ = 1,550nm,
Pin=2
µW,
AC coupled,
RL = 50Ω
(Air Gap ~ 0mm)
PCB
Avalanche Photodiode


Numéro de pièce similaire - FPD5W1KX

FabricantNo de pièceFiches techniqueDescription
Fujitsu Component Limited.
Fujitsu Component Limit...
FPD-010R008-0E FUJITSU-FPD-010R008-0E Datasheet
1Mb / 13P
   4-Channel Optical Transceiver Module
FPD-101R008-0E FUJITSU-FPD-101R008-0E Datasheet
137Kb / 11P
   4-Channel Optical Transceiver
FPD-102R008-0E FUJITSU-FPD-102R008-0E Datasheet
137Kb / 11P
   4-Channel Optical Transceiver
National Semiconductor (TI)
National Semiconductor ...
FPD03784 NSC-FPD03784 Datasheet
202Kb / 12P
   Low Power, Low EMI, TFT-LCD Column Driver with Dual, TTL Bus Inputs, 64 Grayshades, and 384 Outputs for XGA/SXGA Applications
ISOCOM COMPONENTS
ISOCOM COMPONENTS
FPD1 ISOCOM-FPD1 Datasheet
625Kb / 2P
   Computer terminals
More results

Description similaire - FPD5W1KX

FabricantNo de pièceFiches techniqueDescription
Roithner LaserTechnik GmbH
Roithner LaserTechnik G...
SSO-AD-500-TO52 ROITHNER-SSO-AD-500-TO52 Datasheet
51Kb / 2P
   Avalanche Photodiode
SSO-AD-500-TO52NF ROITHNER-SSO-AD-500-TO52NF Datasheet
54Kb / 2P
   Avalanche Photodiode
SSO-AD-230-TO52I ROITHNER-SSO-AD-230-TO52I Datasheet
54Kb / 2P
   Avalanche Photodiode
SSO-AD-230-TO52-S1 ROITHNER-SSO-AD-230-TO52-S1 Datasheet
134Kb / 2P
   Avalanche Photodiode
SSO-AD-500-TO52I ROITHNER-SSO-AD-500-TO52I Datasheet
54Kb / 2P
   Avalanche Photodiode
SSO-AD-800-TO5I ROITHNER-SSO-AD-800-TO5I Datasheet
58Kb / 2P
   Avalanche Photodiode
SSO-AD-230-TO52 ROITHNER-SSO-AD-230-TO52 Datasheet
123Kb / 2P
   Avalanche Photodiode
SSO-AD-230-TO52NF ROITHNER-SSO-AD-230-TO52NF Datasheet
53Kb / 2P
   Avalanche Photodiode
SSO-AD-1100-TO5I ROITHNER-SSO-AD-1100-TO5I Datasheet
58Kb / 2P
   Avalanche Photodiode
SSO-AD-1900-TO5I ROITHNER-SSO-AD-1900-TO5I Datasheet
147Kb / 2P
   Avalanche Photodiode
More results


Html Pages

1  2  3  4  5  6 


Fiches technique Télécharger

Go To PDF Page


Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz