Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

FPD5W1KX Fiches technique(PDF) 3 Page - Eudyna Devices Inc

No de pièce FPD5W1KX
Description  Avalanche Photodiode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EUDYNA [Eudyna Devices Inc]
Site Internet  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

FPD5W1KX Fiches technique(HTML) 3 Page - Eudyna Devices Inc

  FPD5W1KX Datasheet HTML 1Page - Eudyna Devices Inc FPD5W1KX Datasheet HTML 2Page - Eudyna Devices Inc FPD5W1KX Datasheet HTML 3Page - Eudyna Devices Inc FPD5W1KX Datasheet HTML 4Page - Eudyna Devices Inc FPD5W1KX Datasheet HTML 5Page - Eudyna Devices Inc FPD5W1KX Datasheet HTML 6Page - Eudyna Devices Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Avalanche Photodiode
FPD5W1KX
Fig. 1 Responsivity vs. Wavelength
Fig. 2 Responsivity vs. Temperature
1400
1300
1450 1500 1550 1600 1650
1350
0.1
1.0
Wavelength,
λ (nm)
Temperature, Ta (
°C)
Fig. 3 Dark Current vs. Reverse Voltage
50
40
30
20
10
60
0
10-10
10-12
10-11
10-7
10-6
10-5
10-4
10-9
10-8
Reverse Voltage, VR (V)
25
°C
45
°C
-40
°C
-25
°C
65
°C
85
°C
0
°C
-40
°C
Pin=2
µW,
M=1
+85
°C
+25
°C
0
-50
50
100
0.0
0.2
0.4
0.6
0.8
1.0
1310nm
1480nm
1550nm
1600nm
1620nm
Pin=2
µW,
M=1
Fig. 5 Multiplication Characteristics
50
40
30
20
10
60
0
0.1
10
100
1
Reverse Voltage, VR (V)
-40
°C
45
°C
65
°C
85
°C
25
°C
0
°C
-25
°C
λ=1550nm,
Pin=2
µW


Html Pages

1  2  3  4  5  6 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
FRM5W232BS Incorporates a 30 micron InGaAs Avalanche Photodiode 1  2  3  4  Fujitsu Component Limited.
TIED69 avalanche Photodiode 1  2  List of Unclassifed Manufacturers
C30737 Epitaxial Silicon Avalanche Photodiode 1  2  3  4  5  PerkinElmer Optoelectronics
AD500-9 Avalanche Photodiode NIR 1  2  List of Unclassifed Manufacturers
C30645E InGaAs Avalanche Photodiode 1  2  3  4  5  PerkinElmer Optoelectronics
C30724P LOW COST SILICON AVALANCHE PHOTODIODE Plastic Encapsulated Package 1  2  List of Unclassifed Manufacturers
C30916E Large Area Silicon Avalanche Photodiode for General-Purpose Applications 1  2  3  4  List of Unclassifed Manufacturers
BY9300 Fast high-voltage soft-recovery controlled avalanche rectifiers 1  2  3  4  5  More NXP Semiconductors
BYD73 Ultra fast low-loss controlled avalanche rectifiers 1  2  3  4  5  More NXP Semiconductors
BYV4100 Fast soft-recovery controlled avalanche rectifier 1  2  3  4  5  More NXP Semiconductors

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn