Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

FPD5W1KX Fiches technique(PDF) 5 Page - Eudyna Devices Inc

No de pièce FPD5W1KX
Description  Avalanche Photodiode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EUDYNA [Eudyna Devices Inc]
Site Internet  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

FPD5W1KX Fiches technique(HTML) 5 Page - Eudyna Devices Inc

  FPD5W1KX Datasheet HTML 1Page - Eudyna Devices Inc FPD5W1KX Datasheet HTML 2Page - Eudyna Devices Inc FPD5W1KX Datasheet HTML 3Page - Eudyna Devices Inc FPD5W1KX Datasheet HTML 4Page - Eudyna Devices Inc FPD5W1KX Datasheet HTML 5Page - Eudyna Devices Inc FPD5W1KX Datasheet HTML 6Page - Eudyna Devices Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
FPD5W1KX
Ta = 25°C
γ (%/°C)
Γ (V/°C)
Fig. 10 Excess Noise Factor
vs. Multiplication Factor
1
0.1
0.5
1
5
100
50
10
5
Fig. 9 Temperature Coefficient
vs. Breakdown Voltage
50
10
100
5
2
50
05
10
20
Reverse Voltage, VR (V)
Fig. 11 Capacitance vs. Reverse Voltage
50
45
60
55
40
0.3
0.2
0.1
0
Breakdown Voltage, VB (V)
Multiplication Factor, M
Ta = 25°C,
λ = 1,550nm,
Ipo = 2µA,
f = 30 MHz,
B = 1 MHz
f = 1MHz
Avalanche Photodiode


Html Pages

1  2  3  4  5  6 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
FRM5W232BS Incorporates a 30 micron InGaAs Avalanche Photodiode 1  2  3  4  Fujitsu Component Limited.
TIED69 avalanche Photodiode 1  2  List of Unclassifed Manufacturers
C30737 Epitaxial Silicon Avalanche Photodiode 1  2  3  4  5  PerkinElmer Optoelectronics
AD500-9 Avalanche Photodiode NIR 1  2  List of Unclassifed Manufacturers
C30645E InGaAs Avalanche Photodiode 1  2  3  4  5  PerkinElmer Optoelectronics
C30724P LOW COST SILICON AVALANCHE PHOTODIODE Plastic Encapsulated Package 1  2  List of Unclassifed Manufacturers
C30916E Large Area Silicon Avalanche Photodiode for General-Purpose Applications 1  2  3  4  List of Unclassifed Manufacturers
BY9300 Fast high-voltage soft-recovery controlled avalanche rectifiers 1  2  3  4  5  More NXP Semiconductors
BYD73 Ultra fast low-loss controlled avalanche rectifiers 1  2  3  4  5  More NXP Semiconductors
BYV4100 Fast soft-recovery controlled avalanche rectifier 1  2  3  4  5  More NXP Semiconductors

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn