Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FMM5815GJ-1 Fiches technique(PDF) 4 Page - Eudyna Devices Inc

No de pièce FMM5815GJ-1
Description  17.7-19.7GHz Power Amplifier MMIC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EUDYNA [Eudyna Devices Inc]
Site Internet  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

FMM5815GJ-1 Fiches technique(HTML) 4 Page - Eudyna Devices Inc

  FMM5815GJ-1 Datasheet HTML 1Page - Eudyna Devices Inc FMM5815GJ-1 Datasheet HTML 2Page - Eudyna Devices Inc FMM5815GJ-1 Datasheet HTML 3Page - Eudyna Devices Inc FMM5815GJ-1 Datasheet HTML 4Page - Eudyna Devices Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
1.3
±0.15
(0.051)
0.9
(0.035)
3.5 Max.
(0.137)
6
±0.15
(0.236)
12
±0.15
(0.472)
1Min.
(0.039)
6-0.3
(0.012)
4-R 1.2
±0.15
(0.047)
INDEX
Case Style "GJ"
Metal-Ceramic Hermetic Package
Unit: mm(inches)
1. VDD
2. RFin
3. VGG
4. VGG
5. RFout
6. VDD
7. GND (Body)
1
2
3
6
7
5
4
4
FMM5815GJ-1
17.7-19.7GHz Power Amplifier MMIC
For further information please contact:
FUJITSU COMPOUND SEMICONDUCTOR, INC.
2355 Zanker Rd.
San Jose, CA 95131-1138, U.S.A.
Phone: (408) 232-9500
FAX: (408) 428-9111
www.fcsi.fujitsu.com
FUJITSU QUANTUM DEVICES EUROPE LTD.
Network House
Norreys Drive
Maidenhead, Berkshire SL6 4FJ
Phone:+44 (0)1628 504800
FAX:+44 (0)1628 504888
Fujitsu Limited reserves the right to change products and specifications without notice.
The information does not convey any license under rights of Fujitsu Limited or others.
© 2002 FUJITSU COMPOUND SEMICONDUCTOR, INC.
Printed in U.S.A. FCSI0402M200
Fujitsu Compound Semiconductor Products contain gallium arsenide
(GaAs) which can be hazardous to the human body and the environment.
For safety, observe the following procedures:
CAUTION
• Do not ingest.
• Do not alter the form of this product into a gas, powder, or liquid
through burning, crushing, or chemical processing as these by-products
are dangerous to the human body if inhaled, ingested, or swallowed.
• Observe government laws and company regulations when discarding this
product. This product must be discarded in accordance with methods
specified by applicable hazardous waste procedures.


Numéro de pièce similaire - FMM5815GJ-1

FabricantNo de pièceFiches techniqueDescription
logo
Eudyna Devices Inc
FMM5815X EUDYNA-FMM5815X Datasheet
235Kb / 4P
   17.5-20GHz Power Amplifier MMIC
More results

Description similaire - FMM5815GJ-1

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
FMM5805GJ-1 ETC1-FMM5805GJ-1 Datasheet
235Kb / 4P
   17.7-19.7GHz Power Amplifier MMIC
logo
United Monolithic Semic...
CHA6362-QXG UMS-CHA6362-QXG Datasheet
1Mb / 16P
   17.7 - 19.7GHz Power Amplifier
logo
Eudyna Devices Inc
FMM5811GJ-1 EUDYNA-FMM5811GJ-1 Datasheet
132Kb / 4P
   17.7-23.6GHz Power Amplifier MMIC
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-5033 AVAGO-AMMC-5033 Datasheet
398Kb / 9P
   17.7 - 32 GHz Power Amplifier
logo
United Monolithic Semic...
CHA5290 UMS-CHA5290 Datasheet
118Kb / 6P
   17.7-24GHz Medium Power Amplifier
logo
Broadcom Corporation.
AMMC-5033 BOARDCOM-AMMC-5033 Datasheet
371Kb / 9P
   17.7 - 32 GHz Power Amplifier
logo
Tyco Electronics
MAAP-000072-PKG003 MACOM-MAAP-000072-PKG003 Datasheet
207Kb / 4P
   Amplifier, Power, 1.3W 17.7-19.7 GHz
logo
RF Micro Devices
RFPA1702 RFMD-RFPA1702 Datasheet
911Kb / 9P
   17.7GHz TO 19.7GHz HIGH LINEARITY POWER AMPLIFIER
RFUV1702 RFMD-RFUV1702 Datasheet
903Kb / 11P
   17.7GHz TO 19.7GHz GaAs MMIC IQ UPCONVERTER
RFRX1702 RFMD-RFRX1702 Datasheet
1Mb / 7P
   GaAs MMIC IQ Downconverter 17.7GHz to 19.7GHz
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com