Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

GH-S133 Fiches technique(PDF) 1 Page - Yellow Stone Corp

No de pièce GH-S133
Description  SURFACE MOUNT LED LAMPS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  YSTONE [Yellow Stone Corp]
Site Internet  http://www.ystone.com.tw
Logo YSTONE - Yellow Stone Corp

GH-S133 Fiches technique(HTML) 1 Page - Yellow Stone Corp

  GH-S133 Datasheet HTML 1Page - Yellow Stone Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SURFACE MOUNT LED LAMPS
Absolute Maximun Ratings
UNIT
SPEC.
IF
mA
30
IFP
mA
120
VR
V
5
Topr
-20~+80
Tstg
-20~+100
Vf (V)
λ(nm)
Iv (mcd)
Part No.
Material
Emitted Color
Typ.
Max.
λd
λp
Typ.
RSS133TR-DPG
AlGaInP
Red
1.90
2.40
631
640
416
OLS133TR-DPG
AlGaInP
Orange
1.90
2.40
624
635
536
ALS133TR-DPG
AlGaInP
Amber
1.90
2.40
595
600
600
YVS133TR-DPE
AlGaInP
Yellow
2.00
2.50
593
595
456
GBS133TR-DPG
AlGaInP
Green
2.10
2.60
578
575
296
GES133TR-IPG
InGaN
Green
3.20
3.80
527
525
960
BJS133TR-JPH
GaInN
Blue
3.40
4.00
465
460
288
BVS133TR-EPC
GaN/SiC
Blue
4.00
4.50
465
430
64
GH-S133 Series


Html Pages

1 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
KA-3528 3.5 x 2.8mm SURFACE MOUNT LED LAMPS 1  2  3  4  5  More Kingbright Corporation
BL-HB4KB34B SURFACE MOUNT DUAL COLOR LED LAMPS 1  Yellow Stone Corp
APBL3025ESGC 3.0 X 2.5mm SURFACE MOUNT LED LAMPS 1  2  3  4  5  Kingbright Corporation
LEM-51321 SURFACE MOUNT CHIP LED LAMPS 1  List of Unclassifed Manufacturers
BL-HD1G4B433T SURFACE MOUNT TRI COLOR LED LAMPS 1  Yellow Stone Corp
LEM-95121 SURFACE MOUNT CHIP LED LAMPS 1  List of Unclassifed Manufacturers
BL-HD1X133 SURFACE MOUNT DUAL COLOR LED LAMPS 1  Yellow Stone Corp
BL-HD1X133B SURFACE MOUNT DUAL COLOR LED LAMPS 1  2  Yellow Stone Corp
LEM-65121T SURFACE MOUNT CHIP LED LAMPS 1  List of Unclassifed Manufacturers
BL-HG6J3B433G SURFACE MOUNT TRI COLOR LED LAMPS 1  Yellow Stone Corp

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn